| Electronic Components Datasheet Search |
|
FS9912 Datasheet(PDF) 19 Page - Fortune Semiconductor Corp. |
|
|
|||||||||||||||||||||||||||||
FS9912 Datasheet(HTML) 19 Page - Fortune Semiconductor Corp. |
|
19 / 34 page ![]() FS9912 Rev. 3.6 19/34 the W register. If d is 1, the result is stored back in M (f). XORWF Exclusive OR W and f Syntax XORWF f, d Operation W XOR M (f) => (destination) Status Affected Z Description Exclusive OR the content of the W register and M (f). If d is 0, the result is stored in the W register. If d is 1, the result is stored back in M (f). RLF Rotate left M (f) through Carry Syntax RLF f, d Operation M (f) [6:0], C => (destination) Status Affected C Description M (f) is rotated one bit to the left through the Carry bit. If d is 0, the result is stored in the W register. If d is 1, the result is stored back in M (f). SUBWFC Subtract W and Carry from f Syntax SUBWFC f, d Operation M (f) + NOT (W) + C => (destination) Status Affected DC, C, Z Description Subtract the content of the W register from M (f). If d is 0, the result is stored in the W register. If d is 1, the result is stored back in M (f). RRF Rotate right M (f) through Carry Syntax RRF f, d Operation C, M (f) [7:1] => (destination) Status Affected C Description M (f) is rotated one bit to the right through the Carry bit. If d is 0, the result is stored in the W register. If d is 1, the result is stored back in M (f). ADDLW ADD literal to W Syntax ADDLW k Operation W + k => W Status Affected DC, C, Z Description Add the content of the W register and the eight-bit literal "k". The result is stored in the W register. SUBLW Subtract literal from W Syntax SUBLW k Operation k + NOT (W) + 1 => W Status Affected DC, C, Z Description Subtract the eight-bit literal "k" from the content of the W register. The result is stored in the W register. ANDLW AND literal with W Syntax ANDLW k Operation W AND k => W Status Affected Z Description AND the content of the W register with the eight-bit literal "k". The result is stored in the W register. IORLW Inclusive OR literal with W Syntax IORLW k Operation W OR k => W Status Affected Z Description Inclusive OR the content of the W register and the eight-bit literal "k". The result is stored in the W register. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |