Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FS9912 Datasheet(PDF) 16 Page - Fortune Semiconductor Corp.

Part # FS9912
Description  8-bit MCU with 4k program ROM
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS9912 Datasheet(HTML) 16 Page - Fortune Semiconductor Corp.

Back Button FS9912 Datasheet HTML 12Page - Fortune Semiconductor Corp. FS9912 Datasheet HTML 13Page - Fortune Semiconductor Corp. FS9912 Datasheet HTML 14Page - Fortune Semiconductor Corp. FS9912 Datasheet HTML 15Page - Fortune Semiconductor Corp. FS9912 Datasheet HTML 16Page - Fortune Semiconductor Corp. FS9912 Datasheet HTML 17Page - Fortune Semiconductor Corp. FS9912 Datasheet HTML 18Page - Fortune Semiconductor Corp. FS9912 Datasheet HTML 19Page - Fortune Semiconductor Corp. FS9912 Datasheet HTML 20Page - Fortune Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 34 page
background image
FS9912
Rev. 3.6
16/34
Example 2
16-bit add: {M (83h), M (82h)} = {M (83h), M (82h)} + {M (81h), M (80h)}
16-bit sub: {M (83h), M (82h)} = {M (83h), M (82h)} - {M (81h), M (80h)}
add:
MOVFW 80h
ADDWF 82h, 1
MOVFW 81h
ADDWFC83h, 1
sub:
MOVFW 80h
SUBWF 82h, 1
MOVFW 81h
SUBWFC 83h, 1
11.1.4.3
Interrupt Flag INTF and Interrupt enable register INTE
The interrupt enable register (INTE) records individual interrupt request .When Interrupt event occur and
Interrupt enable bit =1 , the interrupt flag will be set。The global interrupt enable bit (GIE) will enable CPU
interrupt procedure. When GIE=1 and any interrupt flag is set, CPU interrupt procedure would be executed.
CPU interrupt procedure executes GIE reset and CALL 0004h.
Note. When interrupt signal happened within Instruction Duty Cycle, the CPU must wait and till Instruction Duty
Cycle end of this program then produce an “Interrupt Flag” before go into next step.
11.1.5 Instruction Set
Instruction
Operation
Cylce
Flag
NOP
No operation
1
None
CLRF f
f=0
1
Z
ADDWF f, d
d=f+W
1
C, Z
INCF f, d
d=f+1
1
Z
INCFSZ f, d
d=f+1 skip if d=0
1,2
None
DECF f, d
d=f-1
1
Z
DECFSZ f, d
d=f-1 skip if d=0
1,2
None
SUBWF f, d
d=f-W
1
C, Z
COMF f, d
d=~f
1
Z
MOVWF f
f=W
1
None
MOVFW f
W=f
1
None
ADDWFC f, d
d=f+W+C
1
C, Z
ANDWF f, d
d=f&W
1
Z
IORWF f, d
d=f|W
1
Z
XORWF f, d
d=f^W
1
Z
RLF f, d
C, d [7:0]=f [7:0], C
1
C
SUBWFC f, d
d=f-W- (~C)
1
C, Z
RRF f, d
d [7:0], c=C, f [7:0]
1
C
ADDLW k
W=k+W
1
C, Z
SUBLW k
W=k-W
1
C, Z
ANDLW k
W=k&W
1
Z
IORLW k
W=k|W
1
Z
XORLW k
W=k^W
1
Z
MOVLW k
W=k
1
None
RETLW k
RETURN and W=k
2
None
CALL k
Push PC+1 and GOTO k
2
None
GOTO k
PC=k
2
None
RETFIE
Pop PC and GIE=1
2
None
RETURN
Pop PC
2
None



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com