Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

175-4261 Datasheet(PDF) 16 Page - List of Unclassifed Manufacturers

Part # 175-4261
Description  standard straight tips
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

175-4261 Datasheet(HTML) 16 Page - List of Unclassifed Manufacturers

Back Button 175-4261 Datasheet HTML 12Page - List of Unclassifed Manufacturers 175-4261 Datasheet HTML 13Page - List of Unclassifed Manufacturers 175-4261 Datasheet HTML 14Page - List of Unclassifed Manufacturers 175-4261 Datasheet HTML 15Page - List of Unclassifed Manufacturers 175-4261 Datasheet HTML 16Page - List of Unclassifed Manufacturers 175-4261 Datasheet HTML 17Page - List of Unclassifed Manufacturers 175-4261 Datasheet HTML 18Page - List of Unclassifed Manufacturers 175-4261 Datasheet HTML 19Page - List of Unclassifed Manufacturers 175-4261 Datasheet HTML 20Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 54 page
background image
These standard-tip holders are mounted directly to
air or hydraulic cylinder pistons. They are ideal for
assembling special multi-head resistance welding
equipment. Current and coolant water are brought
to each of the holders separately.
Electrode adapters for the tip diameter being used
and in lengths to suit your set-up are ordered
separately: see page 16. Water tubes, for carrying
water into the tip, should also be ordered separately.
TUFFALOY offers both straight and offset holders for
cylinder mounting. Clamps, hose connections, water
tubes and adaptors are not included. Order separately.
OFFSET HOLDERS
Offset holders are offered in eight offset sizes,
from 1/8 to 1 inch. The standard models have a
1/2-NPT adapter socket, to hold adapters for 4 & 5RW
tips. Ordering a 3/4-NPT socket will permit adapters
for 6 & 7RW tips to be used.
To determine distance adapter sticks out from holder, deduct 1/2-in
from length of adapter selected. Water tubes 1/2-in. longer than
adapter will install approximately flush with adapter face.
For 7/8 straight-thread adapters use suffix
“7/8-14 N.F.” Example: 194-1588-7/8-14 NF.
FOR 4RW USE
FOR 5RW, 6RW
OR 7RW USE
Descrip-
Part
Descrip-
Part
tion
No.
tion
No.
3/4
301-.7
194-3107
312-.7
194-3207
1
301-1.0
194-3110
312-1.0
194-3210
1-1/4
301-1.2
194-3112
312-1.2
194-3212
1-1/2
301-1.5
194-3115
312-1.5
194-3215
1-3/4
301-1.7
194-3117
312-1.7
194-3217
2
301-2.0
194-3120
312.2.0
194-3220
2-1/2
301-2.5
194-3125
312-2.5
194-3225
3
301-3.0
194-3130
312-3.0
194-3230
3-1/2
301-3.5
194-3135
312-3.5
194-3235
4
301-4.0
194-3140
312-4.0
194-3240
4-1/2
301-4.5
194-3145
312-4.5
194-3245
OFFSET HOLDERS
STATIONARY WATER TUBES
4 & 5 RW
6 & 7RW
Offset
Width
Part No.
Part No.
(inches)
(inches)
1/2” Pipe
3/4” Pipe
1.0
2.5
194-1588
194-1598
0.88
2.5
194-1587
0.75
2.31
194-1586
194-1596
0.62
2.18
194-1585
0.50
2.06
194-1584
194-1594
0.38
1.94
194-1583
0.25
1.81
194-1582
0.12
1.68
194-1581
FOR 4 & 5 RW TIPS
FOR 6 OR 7 RW TIPS
STATIONARY WATER TUBES
Length
ORDER CLAMP SEPARATELY
HOLDER
CLAMP 101-2:
PART NO. 194-2040
1/4 NTP HOSE
CONNECTION 8241:
PART NO. 195-8241
15
TUFFALOY
cylinder-mounted holders



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com