Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

175-4261 Datasheet(PDF) 30 Page - List of Unclassifed Manufacturers

Part # 175-4261
Description  standard straight tips
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

175-4261 Datasheet(HTML) 30 Page - List of Unclassifed Manufacturers

Back Button 175-4261 Datasheet HTML 26Page - List of Unclassifed Manufacturers 175-4261 Datasheet HTML 27Page - List of Unclassifed Manufacturers 175-4261 Datasheet HTML 28Page - List of Unclassifed Manufacturers 175-4261 Datasheet HTML 29Page - List of Unclassifed Manufacturers 175-4261 Datasheet HTML 30Page - List of Unclassifed Manufacturers 175-4261 Datasheet HTML 31Page - List of Unclassifed Manufacturers 175-4261 Datasheet HTML 32Page - List of Unclassifed Manufacturers 175-4261 Datasheet HTML 33Page - List of Unclassifed Manufacturers 175-4261 Datasheet HTML 34Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 54 page
background image
E
F
G
With 10W Face
For Nut
Pin
Electrode Electrode
Refractory -
Size
Length
Length
Diameter
Item Number
.164
3/16
411
175-4111
175-4111-10W
.190
3/16
412
175-4121
175-4121-10W
.216
1/4
413
175-4131
175-4131-10W
1/4
5/16
2-1/4
1
414
175-4141
175-4141-10W
5/16 & 8mm
5/16
415
175-4151
175-4151-10W
3/8
3/8
416
175-4161
175-4161-10W
6mm
1/4
606
175-6061
175-6061-10W
7mm
5/16
607
175-6071
175-6071-10W
9mm
3/8
609
175-6091
175-6091-10W
10mm
3/8
610
175-6101
175-6101-10W
3/8
3/8
456
175-4561
175-4561-10W
7/16
3/8
457
175-4571
175-4571-10W
1/2
7/16
458
175-4581
175-4581-10W
9/16
7/16
2-3/4
1-1/2
459
175-4591
175-4591-10W
5/8
1/2
460
175-4601
175-4601-10W
11/16
1/2
461
175-4611
175-4611-10W
3/4
5/8
462
175-4621
175-4621-10W
10mm
3/8
610-2
175-6102
175-6102-10W
12mm
7/16
612-2
175-6122
175-6122-10W
SELF-PILOTED-NUT ELECTRODES
With 10W Face
A
B
C
Refractory -
Item Number
.150
400
175-4001
175-4001-10W
.164
401
175-4011
175-4011-10W
.190
402
175-4021
175-4021-10W
.216
403
175-4031
175-4031-10W
1/4
2-1/4
1
404
175-4041
175-4041-10W
5/16 & 8mm
405
175-4051
175-4051-10W
3/8
406
175-4061
175-4061-10W
6mm
506
175-5061
175-5061-10W
7mm
507
175-5071
175-5071-10W
9mm
509
175-5091
175-5091-10W
10mm
510
175-5101
175-5101-10W
3/8
436
175-4361
175-4361-10W
7/16
437
175-4371
175-4371-10W
1/2
438
175-4381
175-4381-10W
9/16
2-3/4
1-1/2
439
175-4391
175-4391-10W
5/8
440
175-4401
175-4401-10W
11/16
441
175-4411
175-4411-10W
3/4
442
175-4421
175-4421-10W
10mm
510-2
175-5102
175-5102-10W
12mm
512-2
175-5122
175-5122-10W
STUD ELECTRODES
ELECTRODES
Stud Electrodes
Tuffaloy stud electrode tips
are for projection-welding
screws, bolts or pins,
whether they pass through
the sheet or are to be
attached directly to its face.
Nut Electrodes
Tuffaloy projection weld nut
electrodes are designed for
either self-piloted or non-
piloted nuts. The pilots of the
non-piloted-nut electrodes
are spring-loaded so they
can’t interfere with the
contacting of nut and sheet
under welding pressure.
The various types and sizes of TUFFALOY stud-and-nut welding
electrodes and holders are described below. For excessive wear
applications any of these electrodes may be ordered with refractory
metal facings, such as TUFFALOY 10W.
Welding a stud through a hole in
sheet metal.
Welding a stud directly to face of
sheet metal.
Self-piloted nut aligns itself with
the hole in sheet.
Non-piloted-nut is guided by
specially designed electrode.
Descrip-
tion
Part
No.
Descrip-
tion
Part
No.
J
K
L
With 10W Face
For Nut
Pin
Electrode Electrode
Refractory -
Size
Diameter
Length
Diameter
Item Number
.164
0.18
421
175-4211
175-4211-10W
.190
0.215
422
175-4221
175-4221-10W
.216
0.24
423
175-4231
175-4231-10W
1/4
0.275
2-1/4
1
424
175-4241
175-4241-10W
5/16 & 8mm
0.345
425
175-4251
175-4251-10W
3/8
0.405
426
175-4261
175-4261-10W
6mm
0.261
706
175-7061
175-7061-10W
7mm
0.3
707
175-7071
175-7071-10W
9mm
0.385
709
175-7091
175-7091-10W
10mm
0.425
710
175-7101
175-7101-I0W
3/8
0.437
476
175-4761
175-4761-10W
7/16
0.562
477
175-4771
175-4771-10W
1/2
0.625
2-3/4
1-1/2
478
175-4781
175-4781-10W
9/16
0.687
479
175-4791
175-4791-I0W
5/8
0.75
480
175-4801
175-4801-10W
10mm
0.453
710-2
175-7102
175-7102-10W
12mm
0.595
712-2
175-7122
175-7122-10W
NON-PILOTED-NUT ELECTRODES
Descrip-
tion
Part
No.
29
This style holder
found at bottom
of page 27
This style holder found
at top of page 29
TUFFALOY
nut and stud welding



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com