Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

175-4261 Datasheet(PDF) 40 Page - List of Unclassifed Manufacturers

Part # 175-4261
Description  standard straight tips
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

175-4261 Datasheet(HTML) 40 Page - List of Unclassifed Manufacturers

Back Button 175-4261 Datasheet HTML 36Page - List of Unclassifed Manufacturers 175-4261 Datasheet HTML 37Page - List of Unclassifed Manufacturers 175-4261 Datasheet HTML 38Page - List of Unclassifed Manufacturers 175-4261 Datasheet HTML 39Page - List of Unclassifed Manufacturers 175-4261 Datasheet HTML 40Page - List of Unclassifed Manufacturers 175-4261 Datasheet HTML 41Page - List of Unclassifed Manufacturers 175-4261 Datasheet HTML 42Page - List of Unclassifed Manufacturers 175-4261 Datasheet HTML 43Page - List of Unclassifed Manufacturers 175-4261 Datasheet HTML 44Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 54 page
background image
Spring
1/8-in.
1/4-in.
3/8-in.
1/2-in.
Type
Compression Compression Compression Compression
M (300 lbs. max.)
140
200
250
300
MH (680 lbs. max.)
310
440
560
680
H (1300 lbs. max.)
600
840
1070
1300
300 LBS MAX.
680 LBS. MAX.
1300 LBS. MAX.
(M SPRING)
(MH SPRING)
(H SPRING)
Descrip-
Part
Descrip-
Part
Descrip-
Part
tion
No.
tion
No.
tion
No.
1” Shank
4620
350-4620
4621
350-4621
4622
350-4622
1-1/4” Shank
4623
350-4623
4624
350-4624
4625
350-4625
1-1/2” Shank
4626
350-4626
4627
350-4627
4628
350-4628
Platen-Mtd.
4629
350-4629
4630
350-4630
4631
350-4631
FAST-FOLLOW-UP FORCE CHART (LBS.)
U.S. Pat. No. 3,632,958
Canada Pat. No. 902,189
TUFFALOY fast-follow-up (low inertia) holders solve the
problem of maintaining adequate weld pressure on rapidly
collapsing projection welds-with fewer set-up problems and
reduced maintenance.
These holders can be set to deliver fast-follow-up forces
of from 140 to 1300 pounds, a range covering 90% of all
projection welding operations. They are compact, water
cooled, and easy to maintain.
Plus features of the TUFFALOY fast-follow-up holder include:
(1) wider range of pressures than any competitive make (2)
no flexible shunt-a common cause of holder failure (3) use
of standard, unmodified die springs, so if you need a spring
of different strength, it’s easily available (4) spring forces
available are clearly indicated, so it’s easy to set up for a
specific force (5) three shank sizes, or it can be platen-
mounted-the only fast-follow-up holder that can (6) extremely
low height permits use where larger units can’t be used.
TUFFALOY fast-follow-up holders can be used to limit the weld
pressure of any spot welding machine regardless of cylinder
size or air pressure. This is better than reducing air pressure,
which slows the return stroke and retards production.
Current flow follows dashed arrow
through the outer body, two split
contact rings, tapered tip socket,
and to the electrode.
For every one-eighth of an inch that a fast-follow-up is compressed when
setting up, a known amount of force is provided, to quickly follow up any
reduction in work thickness. Example: at position B, a type MH spring would
delivery 310 lb, at C, 440 lb, etc.
Mounting
Style
A
No external
Compression
B
Compression
1 mark
C
Compression
2 marks
D
Compression
3 marks
TUFFALOY
fast-follow-up holders
39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com