Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

175-4261 Datasheet(PDF) 44 Page - List of Unclassifed Manufacturers

Part # 175-4261
Description  standard straight tips
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

175-4261 Datasheet(HTML) 44 Page - List of Unclassifed Manufacturers

Back Button 175-4261 Datasheet HTML 40Page - List of Unclassifed Manufacturers 175-4261 Datasheet HTML 41Page - List of Unclassifed Manufacturers 175-4261 Datasheet HTML 42Page - List of Unclassifed Manufacturers 175-4261 Datasheet HTML 43Page - List of Unclassifed Manufacturers 175-4261 Datasheet HTML 44Page - List of Unclassifed Manufacturers 175-4261 Datasheet HTML 45Page - List of Unclassifed Manufacturers 175-4261 Datasheet HTML 46Page - List of Unclassifed Manufacturers 175-4261 Datasheet HTML 47Page - List of Unclassifed Manufacturers 175-4261 Datasheet HTML 48Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 54 page
background image
Male cap extractor has long lever handles for easier cap
removal. In two dual-size models: EX-45 and EX-56.
Female cap extractors are made for three Tuffcap shank sizes:
Models EX-4F, EX-5F, and EX-6F.
TIP SOCKET REAMERS
Hole in reamer center permits water tube entry; no need to
dismantle holder. 4 RW; Part No. 601-0004; 5 RW, Part No.
601-0005; 6 RW, Part No. 601-0006; 7 RW, Part No. 601-0007.
TIP DRESSING TOOL
To remove mushroomed nose material on a pair of tips of
4 or 5 RW size, having pointed or dome noses. Other nose
design dressers on special order. Dresser, Part No. 601-0102;
Dresser cutter, Part No. 601-0103.
RADIUS TIP FILE
To restore original contours of welding tips use this two-inch
radius file. Part No. 601-0120.
WELDING TIP EXTRACTORS
TUFFCAP SOCKET REAMERS
To ream or dress sockets to hold male caps. 4 RW, Part No.
601-0014; 5 RW, Part No. 601-0015; 6 RW, Part No. 6010016.
QUICK-CONNECT COUPLINGS
with automatic shut-off
Use these couplings to make up efficient, trouble free coolant
systems. Any plug shown will mate with any socket shown.
Always put the socket on the upstream side of a connection.
Its built-in valve will automatically close upon disconnection.
TUFFCAP EXTRACTORS
Male caps, 4 & 5 RW, EX-45, Part No. 601-0240
Male caps, 5 & 6 RW, EX-56, Part No. 601-0242
Female caps, 4 RW, EX-41F, Part No. 601-0220
Female caps, 5 RW, EX-5F, Part No. 601-0221
Female caps, 6 RW, EX-6F, Part No. 601-0222
No. 4 RW, EX-1, Part No. 601-0201
No. 5 RW, EX-2, Part No. 601-0202
No. 4 RW and 5 RW at opposite ends,
EX-3, Part No. 601-0203
Large: EX-10-A, Part No. 601-0231
Tip File
1/8” NPT female plug
Part No. 601-0300
1/8” NPT male plug
Part No. 601-0301
1/4” NPT male plug
Part No. 601-0302
1/4” NPT male plug
Part No. 601-0303
3/8” NPT hose plug
Part No. 601-0309
1/8” NPT female socket
Part No. 601-0314
1/8” NPT male socket
Part No. 601-0315
1/4” NPT female socket
Part No. 601-0316
1/4” NPT male socket
Part No. 601-0317
3/8” NPT hose socket
Part No. 601-0320
43
TUFFALOY
accessories



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com