Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

175-4261 Datasheet(PDF) 47 Page - List of Unclassifed Manufacturers

Part # 175-4261
Description  standard straight tips
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

175-4261 Datasheet(HTML) 47 Page - List of Unclassifed Manufacturers

Back Button 175-4261 Datasheet HTML 43Page - List of Unclassifed Manufacturers 175-4261 Datasheet HTML 44Page - List of Unclassifed Manufacturers 175-4261 Datasheet HTML 45Page - List of Unclassifed Manufacturers 175-4261 Datasheet HTML 46Page - List of Unclassifed Manufacturers 175-4261 Datasheet HTML 47Page - List of Unclassifed Manufacturers 175-4261 Datasheet HTML 48Page - List of Unclassifed Manufacturers 175-4261 Datasheet HTML 49Page - List of Unclassifed Manufacturers 175-4261 Datasheet HTML 50Page - List of Unclassifed Manufacturers 175-4261 Datasheet HTML 51Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 54 page
background image
RECOMMENDED USES OF RESISTANCE WELDING MATERIALS
GROUP A COPPER-BASE ALLOYS
RWMA CLASS 1 ALLOY • TUFFALOY 88
ZIRCONIUM-COPPER, suited to welding aluminum and magnesium alloys, coated materials, brass and bronze.
Class 1 alloy is superior to pure copper as an electrode material and is recommended as a general purpose material for resistance
welding use. It may be used for spot welding electrodes, seam welding wheels and welding fixture components. It is not heat treatable.
RWMA CLASS 2 ALLOY
TUFFALOY 77 CHROMIUM-COPPER, suited to welding cold- and hot-rolled steels, stainless steel, and low-conductivity brasses
and bronzes.
Class 2 alloy is a superior resistance welding electrode material, recommended for high-production operations. It is used for welding
electrodes, projection welding electrodes, seam welding shafts and bearings, flash and butt welding electrodes, and current-carrying
structural components. Available in forms for use as welding gun arms, welding platens and secondary-circuit structural members.
It is heat treatable.
TUFFALOY Z ZIRCONIUM-CHROMIUM-COPPER is suited to welding galvanized steel and other metallic-coated steel.
This is a specially heat-treated alloy which meets the minimum electrical conductivity and hardness specifications of Class 2 alloy.
RWMA CLASS 3 ALLOY • TUFFALOY 55 AND 55A
BERYLLIUM-NICKEL-COPPER (55) are suited to welding steels having high electrical resistance, such as stainless steel.
NICKEL-COPPER (55A) is a beryllium-free alloy with properties similar to TUFFALOY 55.
Class 3 alloy is recommended for projection welding electrodes, and flash and butt welding electrodes. With its higher strength it is
also used on highly-stressed current-carrying parts such as electrode shanks and heavy-duty electrode holders. It is heat treatable.
RWMA CLASS 4 ALLOY • TUFFALOY 44
BERYLLIUM-COPPER has extremely high hardness, and is recommended for projection, flash and butt welding electrodes. It has lower
conductivity than Class 3 alloy but it is harder and more wear resistant. It should be considered where there is concern with high
pressure density and severe wear, but where heating, due to its low conductivity, is not excessive.
It is used frequently in the form of inserts, tooling facings, and seam welder bushings. It is available in the annealed condition which is
more readily machined and then subsequently heat treated.
GROUP B REFRACTORY METAL COMPOSITIONS
RWMA CLASS 10 • TUFFALOY 1W
TUNGSTEN 55% – COPPER 45%, suited for facings and inserts for projection welding electrodes and flash and butt welding electrodes.
It is recommended where (relatively) high electrical conductivity and some degree of malleability is desired.
RWMA CLASS 11 • TUFFALOY 10W
TUNGSTEN 75% – COPPER 25%, suited to similar applications as Class 10, and for facing on electrode forming electrodes. It is harder
than Class 10, and is for general use in projection welding electrodes.
RWMA CLASS 12 • TUFFALOY 20W
TUNGSTEN 80% – COPPER 20%, suited for electro-forming and electro-forging facings, and for electrode facings used to upset studs
and rivets. A material for heavy-duty projection welding electrodes.
RWMA CLASS 13 • TUFFALOY 100W (Pure Tungsten)
RWMA CLASS 14 • TUFFALOY 100M (Pure Molybdenum)
Class 13 & 14 materials are used primarily for welding or electro-brazing non-ferrous metals having relatively high electrical
conductivity. They are suited to cross-wire welding of copper and brass, and for welding copper wire braid to brass or bronze terminals.
Special set-ups and procedures are required.
TUFFALOY
welding data
46



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com