Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

175-4261 Datasheet(PDF) 27 Page - List of Unclassifed Manufacturers

Part # 175-4261
Description  standard straight tips
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

175-4261 Datasheet(HTML) 27 Page - List of Unclassifed Manufacturers

Back Button 175-4261 Datasheet HTML 23Page - List of Unclassifed Manufacturers 175-4261 Datasheet HTML 24Page - List of Unclassifed Manufacturers 175-4261 Datasheet HTML 25Page - List of Unclassifed Manufacturers 175-4261 Datasheet HTML 26Page - List of Unclassifed Manufacturers 175-4261 Datasheet HTML 27Page - List of Unclassifed Manufacturers 175-4261 Datasheet HTML 28Page - List of Unclassifed Manufacturers 175-4261 Datasheet HTML 29Page - List of Unclassifed Manufacturers 175-4261 Datasheet HTML 30Page - List of Unclassifed Manufacturers 175-4261 Datasheet HTML 31Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 54 page
background image
Size
Barrel Descrip-
Part
Dia.
tion
No.
1
1
4511
350-4511
1
1-1/4
4512
350-4512
1
1-1/2
4513
350-4513
2
1-1/4
4521
350-4521
2
1-1/2
4522
350-4522
Size 1 PMC-2503
Part No. 180-2203
Part No. 180-2203-10W
Size 2 PMC-2104
Part No. 180-1040
Part No. 180-2104-10W
Size 1 PME-2503
Part No. 180-2303
Size 2
‘A’
Description
Part No.
1/4
PME-21041 180-1041
5/16
PME-21042 180-1042
3/8
PME-21043 180-1043
7/16
PME-21044 180-1044
1/2
PME-21045 180-1045
Size 1 PMB-2503
Part No. 180-2103
HIGH PRESSURE TIPS
Spot and projection welding operations may utilize pressures over 2000 lbs. TUFFALOY high-pressure tips have flat
bottoms which eliminates tip jamming in tapered holders. Assembled tip and holder heights are always the same, as
contrasted to tapered tips which can be forced into the sockets varying distances.
TUFFALOY high pressure tips can be used in the two holder styles shown: PM holders for mounting on the platens of
press-type welders, and straight holders for spot welder arm mounting. The tips are held to the holders by a threaded
coupling. Copper tungsten faced tips are available for high pressure wear and projection welding.
STRAIGHT HOLDERS CLASS 2 ALLOY
Straight holders are made for carrying TUFFALOY high pressure
tips in rocker arm welders or press-type welder horn extensions.
They are made in two basic sizes, to accommodate the Size 1 and
2 tips. They are of Class 2 alloy and hold the tips in the same
manner as do the PM holders.
TRUNCATED CONE
DOME NOSED
FLAT FACED
1-3/4
5-5/16
3-1/2
26
TUFFALOY
high pressure welding



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com