Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F636TE/STQTP Datasheet(PDF) 32 Page - Microchip Technology

Part # PIC16F636TE/STQTP
Description  8/14-PIN FLASH-BASED, 8-BIT CMOS MICROCONTROLLERS WITH NANOWATT TECHNOLOGY
PDF  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F636TE/STQTP Datasheet(HTML) 32 Page - Microchip Technology

Back Button PIC16F636TE/STQTP Datasheet HTML 28Page - Microchip Technology PIC16F636TE/STQTP Datasheet HTML 29Page - Microchip Technology PIC16F636TE/STQTP Datasheet HTML 30Page - Microchip Technology PIC16F636TE/STQTP Datasheet HTML 31Page - Microchip Technology PIC16F636TE/STQTP Datasheet HTML 32Page - Microchip Technology PIC16F636TE/STQTP Datasheet HTML 33Page - Microchip Technology PIC16F636TE/STQTP Datasheet HTML 34Page - Microchip Technology PIC16F636TE/STQTP Datasheet HTML 35Page - Microchip Technology PIC16F636TE/STQTP Datasheet HTML 36Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 196 page
background image
PIC12F635/PIC16F636/639
DS41232B-page 30
Preliminary
© 2005 Microchip Technology Inc.
3.2
Clock Source Modes
Clock source modes can be classified as external or
internal.
External clock modes rely on external circuitry for the
clock source. Examples are oscillator modules (EC
mode), quartz crystal resonators or ceramic resonators
(LP, XT and HS modes) and Resistor-Capacitor (RC
mode) circuits.
Internal clock sources are contained internally within
PIC12F635/PIC16F636/639. The device has two inter-
nal oscillators: the 8 MHz High-Frequency Internal
Oscillator (HFINTOSC) and 31 kHz Low-Frequency
Internal Oscillator (LFINTOSC).
The system clock can be selected between external or
internal clock sources via the System Clock Selection
(SCS) bit (see Section 3.5 “Clock Switching”).
3.3
External Clock Modes
3.3.1
OSCILLATOR START-UP TIMER (OST)
If the PIC12F635/PIC16F636/639 is configured for LP,
XT or HS modes, the Oscillator Start-up Timer (OST)
counts 1024 oscillations from the OSC1 pin following a
Power-on Reset (POR) and the Power-up Timer
(PWRT) has expired (if configured), or a wake-up from
Sleep. During this time, the program counter does not
increment and program execution is suspended. The
OST ensures that the oscillator circuit, using a quartz
crystal resonator or ceramic resonator, has started and
is providing a stable system clock to the PIC12F635/
PIC16F636/639.
When switching between clock sources, a delay is
required to allow the new clock to stabilize. Table 3-1
shows oscillator delay examples.
In order to minimize latency between external oscillator
start-up and code execution, the Two-Speed Clock Start-
up mode can be selected (see Section 3.6 “Two-Speed
Clock Start-up Mode”).
TABLE 3-1:
OSCILLATOR DELAY EXAMPLES
Switch From
Switch To
Frequency
Oscillator Delay
Sleep/POR
LFINTOSC
HFINTOSC
31 kHz
125 kHz-8 MHz
5
μs-10 μs (approx.)
CPU Start-up
Sleep/POR
EC, RC
DC – 20 MHz
LFINTOSC (31 kHz)
EC, RC
DC – 20 MHz
Sleep/POR
LP, XT, HS
31 kHz-20 MHz
1024 Clock Cycles (OST)
LFINTOSC (31 kHz)
HFINTOSC
125 kHz-8 MHz
1
μs (approx.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com