Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F636TE/STQTP Datasheet(PDF) 50 Page - Microchip Technology

Part # PIC16F636TE/STQTP
Description  8/14-PIN FLASH-BASED, 8-BIT CMOS MICROCONTROLLERS WITH NANOWATT TECHNOLOGY
PDF  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F636TE/STQTP Datasheet(HTML) 50 Page - Microchip Technology

Back Button PIC16F636TE/STQTP Datasheet HTML 46Page - Microchip Technology PIC16F636TE/STQTP Datasheet HTML 47Page - Microchip Technology PIC16F636TE/STQTP Datasheet HTML 48Page - Microchip Technology PIC16F636TE/STQTP Datasheet HTML 49Page - Microchip Technology PIC16F636TE/STQTP Datasheet HTML 50Page - Microchip Technology PIC16F636TE/STQTP Datasheet HTML 51Page - Microchip Technology PIC16F636TE/STQTP Datasheet HTML 52Page - Microchip Technology PIC16F636TE/STQTP Datasheet HTML 53Page - Microchip Technology PIC16F636TE/STQTP Datasheet HTML 54Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 196 page
background image
PIC12F635/PIC16F636/639
DS41232B-page 48
Preliminary
© 2005 Microchip Technology Inc.
TABLE 4-1:
SUMMARY OF REGISTERS ASSOCIATED WITH PORTA
Add
r
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on:
POR, BOD,
WUR
Value on
all other
Resets
05h PORTA
—
—
RA5
RA4
RA3
RA2
RA1
RA0
--xx xx00 --uu uu00
0Bh/
8Bh
INTCON
GIE
PEIE
T0IE
INTE
RAIE
T0IF
INTF
RAIF
0000 0000 0000 0000
0Eh TMR1L
Holding Register for the Least Significant Byte of the 16-bit TMR1 Register
xxxx xxxx uuuu uuuu
0Fh TMR1H
Holding Register for the Most Significant Byte of the 16-bit TMR1 Register
xxxx xxxx uuuu uuuu
10h T1CON
T1GINV TMR1GE T1CKPS1 T1CKPS0 T1OSCEN T1SYNC TMR1CS TMR1ON 0000 0000 uuuu uuuu
1Ah CMCON1
—
—
—
—
—
—T1GSS
C2SYNC ---- --10 ---- --10
19h CMCON0
C2OUT
C1OUT
C2INV
C1INV
CIS
CM2
CM1
CM0
0000 0000 0000 0000
81h OPTION_REG RAPU
INTEDG
T0CS
T0SE
PSA
PS2
PS1
PS0
1111 1111 1111 1111
85h TRISA
—
—
TRISA5
TRISA4
TRISA3
TRISA2
TRISA1
TRISA0 --11 1111 --11 1111
95h WPUDA
—
—
WPUDA5 WPUDA4
—
WPUDA2 WPUDA1 WPUDA0 --11 -111 --11 -111
96h IOCA
—
—
IOCA5
IOCA4
IOCA3
IOCA2
IOCA1
IOCA0
--00 0000 --00 0000
97h WDA
—
—
WDA5
WDA4
—
WDA2
WDA1
WDA0
--11 -111 --11 -111
Legend:
x
= unknown, u = unchanged, — = unimplemented locations read as ‘0’. Shaded cells are not used by PORTA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com