Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F636TE/STQTP Datasheet(PDF) 7 Page - Microchip Technology

Part # PIC16F636TE/STQTP
Description  8/14-PIN FLASH-BASED, 8-BIT CMOS MICROCONTROLLERS WITH NANOWATT TECHNOLOGY
PDF  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F636TE/STQTP Datasheet(HTML) 7 Page - Microchip Technology

Back Button PIC16F636TE/STQTP Datasheet HTML 3Page - Microchip Technology PIC16F636TE/STQTP Datasheet HTML 4Page - Microchip Technology PIC16F636TE/STQTP Datasheet HTML 5Page - Microchip Technology PIC16F636TE/STQTP Datasheet HTML 6Page - Microchip Technology PIC16F636TE/STQTP Datasheet HTML 7Page - Microchip Technology PIC16F636TE/STQTP Datasheet HTML 8Page - Microchip Technology PIC16F636TE/STQTP Datasheet HTML 9Page - Microchip Technology PIC16F636TE/STQTP Datasheet HTML 10Page - Microchip Technology PIC16F636TE/STQTP Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 196 page
background image
© 2005 Microchip Technology Inc.
Preliminary
DS41232B-page 5
PIC12F635/PIC16F636/639
1.0
DEVICE OVERVIEW
This document contains device specific information for
the PIC12F635/PIC16F636/639 devices. Additional
information may be found in the “PICmicro® Mid-Range
MCU Family Reference Manual” (DS33023), which may
be
obtained
from
your
local
Microchip
Sales
Representative or downloaded from the Microchip web
site. The reference manual should be considered a
complementary document to this data sheet and is
highly recommended reading for a better understanding
of the device architecture and operation of the peripheral
modules.
The PIC12F635/PIC16F636/639 devices are covered
by this data sheet. Figure 1-1 shows a block diagram of
the PIC12F635/PIC16F636/639 devices. Table 1-1
shows the pinout description.
FIGURE 1-1:
PIC12F635 BLOCK DIAGRAM
Flash
Program
Memory
13
Data Bus
8
14
Program
Bus
Instruction reg
Program Counter
RAM
File
Registers
Direct Addr
7
RAM Addr
9
Addr MUX
Indirect
Addr
FSR reg
Status reg
MUX
ALU
W reg
Instruction
Decode and
Control
Timing
Generation
OSC1/CLKIN
OSC2/CLKOUT
GPIO
8
8
8
3
8-level Stack
64 bytes
1K x 14
(13-bit)
Power-up
Timer
Oscillator
Start-up Timer
Power-on
Reset
Watchdog
Timer
MCLR VDD
Brown-out
Detect
Cryptographic
Timer0
Timer1
Data
EEPROM
128 bytes
EEDAT
EEADDR
GP0/C1IN+/ICSPDAT/ULPWU
GP1/C1IN-/ICSPCLK
GP2/T0CKI/INT/C1OUT
GP3/MCLR/VPP
GP4/T1G/OSC2/CLKOUT
GP5/T1CKI/OSC1/CLKIN
Module
T0CKI
T1CKI
Configuration
T1G
1 Analog
Comparator
and Reference
C1IN- C1IN+ C1OUT
VSS
Programmable
Low-Voltage Detect
Wake-up
Reset
31 kHz
Oscillator
Internal
8 MHz
Oscillator
Internal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com