Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F636TE/STQTP Datasheet(PDF) 60 Page - Microchip Technology

Part # PIC16F636TE/STQTP
Description  8/14-PIN FLASH-BASED, 8-BIT CMOS MICROCONTROLLERS WITH NANOWATT TECHNOLOGY
PDF  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F636TE/STQTP Datasheet(HTML) 60 Page - Microchip Technology

Back Button PIC16F636TE/STQTP Datasheet HTML 56Page - Microchip Technology PIC16F636TE/STQTP Datasheet HTML 57Page - Microchip Technology PIC16F636TE/STQTP Datasheet HTML 58Page - Microchip Technology PIC16F636TE/STQTP Datasheet HTML 59Page - Microchip Technology PIC16F636TE/STQTP Datasheet HTML 60Page - Microchip Technology PIC16F636TE/STQTP Datasheet HTML 61Page - Microchip Technology PIC16F636TE/STQTP Datasheet HTML 62Page - Microchip Technology PIC16F636TE/STQTP Datasheet HTML 63Page - Microchip Technology PIC16F636TE/STQTP Datasheet HTML 64Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 196 page
background image
PIC12F635/PIC16F636/639
DS41232B-page 58
Preliminary
© 2005 Microchip Technology Inc.
6.1
Timer1 Modes of Operation
Timer1 can operate in one of three modes:
• 16-bit timer with prescaler
• 16-bit synchronous counter
• 16-bit asynchronous counter
In Timer mode, Timer1 is incremented on every
instruction cycle. In Counter mode, Timer1 is incremented
on the rising edge of the external clock input T1CKI. In
addition, the Counter mode clock can be synchronized to
the microcontroller system clock or run asynchronously.
In Counter and Timer modules, the counter/timer clock
can be gated by the Timer1 gate, which can be selected
as either the T1G pin or the Comparator 2 output.
If an external clock oscillator is needed (and the
microcontroller is using the INTOSC w/o CLKOUT),
Timer1 can use the LP oscillator as a clock source.
6.2
Timer1 Interrupt
The Timer1 register pair (TMR1H:TMR1L) increments
to FFFFh and rolls over to 0000h. When Timer1 rolls
over, the Timer1 interrupt flag bit (PIR1<0>) is set. To
enable the interrupt on rollover, you must set these bits:
• Timer1 interrupt enable bit (PIE1<0>)
• PEIE bit (INTCON<6>)
• GIE bit (INTCON<7>).
The interrupt is cleared by clearing the TMR1IF bit in
the Interrupt Service Routine.
6.3
Timer1 Prescaler
Timer1 has four prescaler options, allowing 1, 2, 4 or 8
divisions of the clock input. The T1CKPS bits
(T1CON<5:4>) control the prescale counter. The
prescale counter is not directly readable or writable;
however, the prescaler counter is cleared upon a write
to TMR1H or TMR1L.
6.4
Timer1 Gate
Timer1 gate source is software configurable to be the
T1G pin or the output of Comparator 2. This allows the
device to directly time external events using T1G or
analog events using Comparator 2. See CMCON1
(Register 7-2) for selecting the Timer1 gate source.
This feature can simplify the software for many other
applications.
Timer1 gate can be inverted using the T1GINV bit
(T1CON<7>), whether it originates from the T1G pin or
Comparator 2 output. This configures Timer1 to
measure either the active-high or active-low time
between events.
FIGURE 6-2:
TIMER1 INCREMENTING EDGE
Note:
In Counter mode, a falling edge must be
registered by the counter prior to the first
incrementing rising edge.
Note:
The TMR1H:TTMR1L register pair and the
TMR1IF bit should be cleared before
enabling interrupts.
Note:
TMR1GE bit (T1CON<6>) must be set to
use either T1G or C2OUT as the Timer1
gate source. See Register 7-2 for more
information on selecting the Timer1 gate
source.
T1CKI = 1
when TMR1
Enabled
T1CKI = 0
when TMR1
Enabled
Note 1:
Arrows indicate counter increments.
2:
In Counter mode, a falling edge must be registered by the counter prior to the first incrementing rising edge of
the clock.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com