Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F636TE/STQTP Datasheet(PDF) 91 Page - Microchip Technology

Part # PIC16F636TE/STQTP
Description  8/14-PIN FLASH-BASED, 8-BIT CMOS MICROCONTROLLERS WITH NANOWATT TECHNOLOGY
PDF  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F636TE/STQTP Datasheet(HTML) 91 Page - Microchip Technology

Back Button PIC16F636TE/STQTP Datasheet HTML 87Page - Microchip Technology PIC16F636TE/STQTP Datasheet HTML 88Page - Microchip Technology PIC16F636TE/STQTP Datasheet HTML 89Page - Microchip Technology PIC16F636TE/STQTP Datasheet HTML 90Page - Microchip Technology PIC16F636TE/STQTP Datasheet HTML 91Page - Microchip Technology PIC16F636TE/STQTP Datasheet HTML 92Page - Microchip Technology PIC16F636TE/STQTP Datasheet HTML 93Page - Microchip Technology PIC16F636TE/STQTP Datasheet HTML 94Page - Microchip Technology PIC16F636TE/STQTP Datasheet HTML 95Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 196 page
background image
© 2005 Microchip Technology Inc.
Preliminary
DS41232B-page 89
PIC12F635/PIC16F636/639
11.20 Soft Reset
The AFE issues a Soft Reset in the following events:
a)
After Power-on Reset (POR),
b)
After Inactivity timer time-out,
c)
If an “Abort” occurs,
d)
After receiving SPI Soft Reset command.
The “Abort” occurs if there is no positive signal
detected at the end of the AGC stabilization period
(TAGC). The Soft Reset initializes internal circuits and
brings the AFE into a low current Standby mode
operation. The internal circuits that are initialized by the
Soft Reset include:
• Output Enable Filter
•AGC circuits
• Demodulator
• 32 kHz Internal Oscillator
The Soft Reset has no effect on the Configuration register
setup, except for some of the AFE Status Register 7 bits.
(Register 11-8).
The circuit initialization takes one internal clock cycle
(1/32 kHz = 31.25
μs). During the initialization, the
modulation
transistors
between
each
input
and
LCCOM pins are turned-on to discharge any internal/
external parasitic charges. The modulation transistors
are turned-off immediately after the initialization time.
The Soft Reset is executed in Active mode only. It is not
valid in Standby mode.
11.21 Minimum Modulation Depth
Requirement for Input Signal
The AFE demodulates the modulated input signal if the
modulation depth of the input signal is greater than the
minimum requirement that is programmed in the AFE
Configuration Register 5 (Register 11-6). Figure 11-7
shows the definition of the modulation depth and
examples. MODMIN<6:5> of the Configuration Register
5 offer four options. They are 75%, 50%, 25% and 12%,
with a default setting of 50%.
The purpose of this feature is to enhance the
demodulation integrity of the input signal. The 12%
setting is the best choice for the input signal with weak
modulation depth, which is typically observed near the
high-voltage base station antenna and also at far-
distance from the base station antenna. It gives the
best demodulation sensitivity, but is very susceptible to
noise spikes that can result in a bit detection error. The
75% setting can reduce the bit errors caused by noise,
but gives the least demodulation sensitivity. See
Table 11-3 for minimum modulation depth requirement
settings.
TABLE 11-3:
SETTING FOR MINIMUM
MODULATION DEPTH
REQUIREMENT
MODMIN Bits
(Config. Register 5)
Modulation Depth
Bit 6
Bit 5
00
50% (default)
01
75%
10
25%
11
12%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com