Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F636TE/STQTP Datasheet(PDF) 89 Page - Microchip Technology

Part # PIC16F636TE/STQTP
Description  8/14-PIN FLASH-BASED, 8-BIT CMOS MICROCONTROLLERS WITH NANOWATT TECHNOLOGY
PDF  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F636TE/STQTP Datasheet(HTML) 89 Page - Microchip Technology

Back Button PIC16F636TE/STQTP Datasheet HTML 85Page - Microchip Technology PIC16F636TE/STQTP Datasheet HTML 86Page - Microchip Technology PIC16F636TE/STQTP Datasheet HTML 87Page - Microchip Technology PIC16F636TE/STQTP Datasheet HTML 88Page - Microchip Technology PIC16F636TE/STQTP Datasheet HTML 89Page - Microchip Technology PIC16F636TE/STQTP Datasheet HTML 90Page - Microchip Technology PIC16F636TE/STQTP Datasheet HTML 91Page - Microchip Technology PIC16F636TE/STQTP Datasheet HTML 92Page - Microchip Technology PIC16F636TE/STQTP Datasheet HTML 93Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 196 page
background image
© 2005 Microchip Technology Inc.
Preliminary
DS41232B-page 87
PIC12F635/PIC16F636/639
TABLE 11-1:
TYPICAL OUTPUT ENABLE
FILTER TIMING
TOEH is measured from the rising edge of the demodulator
output to the first falling edge. The pulse width must fall
within TOEH
≤ t ≤ TOET.
TOEL is measured from the falling edge of the
demodulator output to the rising edge of the next pulse.
The pulse width must fall within TOEL
≤ t ≤ TOET.
TOET is measured from rising edge to the next rising
edge (i.e., the sum of TOEH and TOEL). The pulse width
must be t
≤ TOET. If the Configuration Register 0
(Register 11-1), OEL<8:7> is set to ‘00’, then TOEH
must not exceed TOET and TOEL must not exceed
TINACT.
The filter will reset, requiring a complete new successive
high and low period to enable LFDATA, under the
following conditions.
• The received high is not greater than the
configured minimum TOEH value.
•During TOEH, a loss of signal > 56
μs. A loss of
signal < 56
μs may or may not cause a filter
Reset.
• The received low is not greater than the
configured minimum TOEL value.
• The received sequence exceeds the maximum
TOET value:
-TOEH + TOEL > TOET
-or TOEH > TOET
-or TOEL > TOET
• A Soft Reset SPI command is received.
If the filter resets due to a long high (TOEH > TOET), the
high-pulse timer will not begin timing again until after a
gap of TE and another low-to-high transition occurs on
the demodulator output.
Disabling the output enable filter disables the TOEH and
TOEL requirement and the AFE passes all received LF
data. See Figure 11-10, Figure 11-11 and Figure 11-12
for examples.
When viewed from an application perspective, from the
pin input, the actual output enable filter timing must fac-
tor in the analog delays in the input path (such as
demodulator charge and discharge times).
• TOEH - TDR + TDF
• TOEL + TDR - TDF
The output enable filter starts immediately after TGAP,
the gap after AGC stabilization period.
11.16 Input Sensitivity Control
The AFE is designed to have typical input sensitivity of
3mVPP. This means any input signal with amplitude
greater than 3 mVPP can be detected. The AFE’s internal
AGC loop regulates the detecting signal amplitude when
the input level is greater than approximately 20 mVPP.
This signal amplitude is called “AGC-active level”. The
AGC loop regulates the input voltage so that the input
signal amplitude range will be kept within the linear range
of the detection circuits without saturation. The AGC
Active Status bit (AGCACT<5>) in the AFE Status
Register 7 (Register 11-8) is set if the AGC loop
regulates the input voltage.
Table 11-2 shows the input sensitivity comparison when
the AGCSIG option is used. When AGCSIG option bit is
set, the demodulated output is available only when the
AGC loop is active (see Table 11-1). The AFE has also
input sensitivity reduction options per each channel. The
Configuration Register 3 (Register 11-4), Configuration
Register 4 (Register 11-5) and Configuration Register 5
(Register 11-6) have the option to reduce the channel
gains from 0 dB to approximately -30 dB.
OEH
<1:0>
OEL
<1:0>
TOEH
(ms)
TOEL
(ms)
TOET
(ms)
01
00
11
3
01
01
11
3
01
10
12
4
01
11
14
6
10
00
21
4
10
01
21
4
10
10
22
5
10
11
24
8
11
00
41
6
11
01
41
6
11
10
42
8
11
11
44
10
00
XX
Filter Disabled
Note 1:
Typical at room temperature and
VDD = 3.0V, 32 kHz oscillator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com