Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F636TE/STQTP Datasheet(PDF) 117 Page - Microchip Technology

Part # PIC16F636TE/STQTP
Description  8/14-PIN FLASH-BASED, 8-BIT CMOS MICROCONTROLLERS WITH NANOWATT TECHNOLOGY
PDF  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F636TE/STQTP Datasheet(HTML) 117 Page - Microchip Technology

Back Button PIC16F636TE/STQTP Datasheet HTML 113Page - Microchip Technology PIC16F636TE/STQTP Datasheet HTML 114Page - Microchip Technology PIC16F636TE/STQTP Datasheet HTML 115Page - Microchip Technology PIC16F636TE/STQTP Datasheet HTML 116Page - Microchip Technology PIC16F636TE/STQTP Datasheet HTML 117Page - Microchip Technology PIC16F636TE/STQTP Datasheet HTML 118Page - Microchip Technology PIC16F636TE/STQTP Datasheet HTML 119Page - Microchip Technology PIC16F636TE/STQTP Datasheet HTML 120Page - Microchip Technology PIC16F636TE/STQTP Datasheet HTML 121Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 196 page
background image
© 2005 Microchip Technology Inc.
Preliminary
DS41232B-page 115
PIC12F635/PIC16F636/639
12.6
Brown-out Detect (BOD)
The BODEN0 and BODEN1 bits in the Configuration
Word register select one of four BOD modes. Two
modes have been added to allow software or hardware
control of the BOD enable. When BODEN<1:0> = 01,
the SBODEN bit (PCON<4>) enables/disables the BOD
allowing it to be controlled in software. By selecting
BODEN<1:0>, the BOD is automatically disabled in
Sleep to conserve power and enabled on wake-up. In
this
mode,
the
SBODEN
bit
is
disabled.
See
Register 12-1 for the Configuration Word definition.
If VDD falls below VBOD for greater than parameter
(TBOD) (see Section 15.0 “Electrical Specifications”),
the Brown-out situation will reset the device. This will
occur regardless of VDD slew rate. A Reset is not
ensured to occur if VDD falls below VBOD for less than
parameter (TBOD).
On any Reset (Power-on, Brown-out Detect, Watchdog
Timer, etc.), the chip will remain in Reset until VDD rises
above VBOD (see Figure 12-3). The Power-up Timer
will now be invoked, if enabled and will keep the chip in
Reset an additional nominal 64 ms.
If VDD drops below VBOD while the Power-up Timer is
running, the chip will go back into a Brown-out Detect
and the Power-up Timer will be re-initialized. Once VDD
rises above VBOD, the Power-up Timer will execute a
64 ms Reset.
FIGURE 12-3:
BROWN-OUT DETECT SITUATIONS
Note:
The Power-up Timer is enabled by the
PWRTE bit in the Configuration Word
register.
64 ms(1)
VBOD
VDD
Internal
Reset
VBOD
VDD
Internal
Reset
64 ms(1)
< 64 ms
64 ms(1)
VBOD
VDD
Internal
Reset
Note 1:
Nominal 64 ms delay only if PWRTE bit is programmed to ‘0’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com