Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F636TE/STQTP Datasheet(PDF) 145 Page - Microchip Technology

Part # PIC16F636TE/STQTP
Description  8/14-PIN FLASH-BASED, 8-BIT CMOS MICROCONTROLLERS WITH NANOWATT TECHNOLOGY
PDF  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F636TE/STQTP Datasheet(HTML) 145 Page - Microchip Technology

Back Button PIC16F636TE/STQTP Datasheet HTML 141Page - Microchip Technology PIC16F636TE/STQTP Datasheet HTML 142Page - Microchip Technology PIC16F636TE/STQTP Datasheet HTML 143Page - Microchip Technology PIC16F636TE/STQTP Datasheet HTML 144Page - Microchip Technology PIC16F636TE/STQTP Datasheet HTML 145Page - Microchip Technology PIC16F636TE/STQTP Datasheet HTML 146Page - Microchip Technology PIC16F636TE/STQTP Datasheet HTML 147Page - Microchip Technology PIC16F636TE/STQTP Datasheet HTML 148Page - Microchip Technology PIC16F636TE/STQTP Datasheet HTML 149Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 145 / 196 page
background image
© 2005 Microchip Technology Inc.
Preliminary
DS41232B-page 143
PIC12F635/PIC16F636/639
14.9
MPLAB ICE 2000
High-Performance Universal
In-Circuit Emulator
The MPLAB ICE 2000 universal in-circuit emulator is
intended to provide the product development engineer
with a complete microcontroller design tool set for
PICmicro microcontrollers. Software control of the
MPLAB ICE 2000 in-circuit emulator is advanced by
the MPLAB Integrated Development Environment,
which allows editing, building, downloading and source
debugging from a single environment.
The MPLAB ICE 2000 is a full-featured emulator system
with enhanced trace, trigger and data monitoring
features. Interchangeable processor modules allow the
system to be easily reconfigured for emulation of
different processors. The universal architecture of the
MPLAB ICE in-circuit emulator allows expansion to
support new PICmicro microcontrollers.
The MPLAB ICE 2000 in-circuit emulator system has
been designed as a real-time emulation system with
advanced features that are typically found on more
expensive development tools. The PC platform and
Microsoft® Windows 32-bit operating system were
chosen to best make these features available in a
simple, unified application.
14.10 MPLAB ICE 4000
High-Performance Universal
In-Circuit Emulator
The MPLAB ICE 4000 universal in-circuit emulator is
intended to provide the product development engineer
with a complete microcontroller design tool set for high-
end PICmicro microcontrollers. Software control of the
MPLAB ICE in-circuit emulator is provided by the
MPLAB Integrated Development Environment, which
allows editing, building, downloading and source
debugging from a single environment.
The MPLAB ICD 4000 is a premium emulator system,
providing the features of MPLAB ICE 2000, but with
increased
emulation
memory
and
high-speed
performance for dsPIC30F and PIC18XXXX devices.
Its advanced emulator features include complex
triggering and timing, up to 2 Mb of emulation memory
and the ability to view variables in real-time.
The MPLAB ICE 4000 in-circuit emulator system has
been designed as a real-time emulation system with
advanced features that are typically found on more
expensive development tools. The PC platform and
Microsoft Windows 32-bit operating system were
chosen to best make these features available in a
simple, unified application.
14.11 MPLAB ICD 2 In-Circuit Debugger
Microchip’s In-Circuit Debugger, MPLAB ICD 2, is a
powerful,
low-cost,
run-time
development
tool,
connecting to the host PC via an RS-232 or high-speed
USB interface. This tool is based on the Flash
PICmicro MCUs and can be used to develop for these
and other PICmicro microcontrollers. The MPLAB
ICD 2 utilizes the in-circuit debugging capability built
into the Flash devices. This feature, along with
Microchip’s In-Circuit Serial ProgrammingTM (ICSPTM)
protocol, offers cost effective in-circuit Flash debugging
from the graphical user interface of the MPLAB
Integrated Development Environment. This enables a
designer to develop and debug source code by setting
breakpoints, single-stepping and watching variables,
CPU status and peripheral registers. Running at full
speed enables testing hardware and applications in
real-time. MPLAB ICD 2 also serves as a development
programmer for selected PICmicro devices.
14.12 PRO MATE II Universal Device
Programmer
The PRO MATE II is a universal, CE compliant device
programmer with programmable voltage verification at
VDDMIN and VDDMAX for maximum reliability. It features
an LCD display for instructions and error messages
and a modular detachable socket assembly to support
various package types. In Stand-Alone mode, the
PRO MATE II device programmer can read, verify and
program PICmicro devices without a PC connection. It
can also set code protection in this mode.
14.13 MPLAB PM3 Device Programmer
The MPLAB PM3 is a universal, CE compliant device
programmer with programmable voltage verification at
VDDMIN and VDDMAX for maximum reliability. It features
a large LCD display (128 x 64) for menus and error
messages and a modular detachable socket assembly
to support various package types. The ICSP™ cable
assembly is included as a standard item. In Stand-Alone
mode, the MPLAB PM3 device programmer can read,
verify and program PICmicro devices without a PC
connection. It can also set code protection in this mode.
MPLAB PM3 connects to the host PC via an RS-232 or
USB
cable.
MPLAB
PM3
has
high-speed
communications and optimized algorithms for quick
programming of large memory devices and incorporates
an SD/MMC card for file storage and secure data
applications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com