| Electronic Components Datasheet Search |
|
PCF8813 Datasheet(PDF) 38 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF8813 Datasheet(HTML) 38 Page - NXP Semiconductors |
|
38 / 72 page ![]() 2004 Mar 05 38 Philips Semiconductors Product specification (67 + 1) × 102 pixels matrix LCD driver PCF8813 12 TEMPERATURE COMPENSATION Due to the temperature dependency of the liquid crystal viscosity, the LCD controlling voltage VLCD must be increased at lower temperatures to maintain optimum contrast. Figure 36 shows VLCD for high multiplex rates. In the PCF8813 the temperature coefficient to be applied to VLCD can be selected from four values by setting bits TC[1:0]. 13 LIMITING VALUES In accordance with the Absolute Maximum Rating System (IEC 60134); see notes 1 and 2 Notes 1. Stresses above those listed under limiting values may cause permanent damage to the device. 2. Parameters are valid over operating temperature range unless otherwise specified; all voltages are with respect to VSS unless otherwise specified. 3. VDD2 and VDD3 are always equal. 14 HANDLING Inputs and outputs are protected against electrostatic discharge in normal handling. However, to be totally safe, it is desirable to take normal precautions appropriate to handling MOS devices (see “Handling MOS devices”). SYMBOL PARAMETER MIN. MAX. UNIT VDD1 supply voltage −0.5 +6.5 V VDD2, VDD3 supply voltage (voltage multiplier); see note 3 −0.5 +4.5 V VLCD LCD supply voltage −0.5 +9.0 V VI input voltage (any pad) −0.5 VDD + 0.5 V ISS ground supply current −50 +50 mA II, IO DC input or output current −10 +10 mA Ptot total power dissipation − 300 mW PO power dissipation per output − 30 mW Tstg storage temperature −65 +150 °C Tj junction temperature − 150 °C handbook, full pagewidth MGT848 T VLCD Fig.36 VLCD as a function of liquid crystal temperature. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |