Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF8813 Datasheet(PDF) 22 Page - NXP Semiconductors

Part # PCF8813
Description  (67 1) x 102 pixels matrix LCD driver
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8813 Datasheet(HTML) 22 Page - NXP Semiconductors

Back Button PCF8813 Datasheet HTML 18Page - NXP Semiconductors PCF8813 Datasheet HTML 19Page - NXP Semiconductors PCF8813 Datasheet HTML 20Page - NXP Semiconductors PCF8813 Datasheet HTML 21Page - NXP Semiconductors PCF8813 Datasheet HTML 22Page - NXP Semiconductors PCF8813 Datasheet HTML 23Page - NXP Semiconductors PCF8813 Datasheet HTML 24Page - NXP Semiconductors PCF8813 Datasheet HTML 25Page - NXP Semiconductors PCF8813 Datasheet HTML 26Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 72 page
background image
2004 Mar 05
22
Philips Semiconductors
Product specification
(67 + 1)
× 102 pixels matrix LCD driver
PCF8813
9.2.2
READ MODE
handbook, full pagewidth
MGU633
SCE
SCLK
SDATA
SDOUT
DB7
D/C
DB6 DB5 DB4
DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0
DB3 DB2
DB1 DB0
D/C
Fig.24 Serial interface (3-line), read mode.
In the read mode of the interface, that the microcontroller
reads data from the PCF8813. To do this the
microcontroller has first to send a command, then the read
status command, and then the PCF8813 will respond by
transmitting data on the SDOUT line. After that, SCE is
required to go HIGH before a new command is sent (see
Fig.24).
The PCF8813 samples the SDATA data at rising SCLK
edges, but shifts SDOUT data at falling SCLK edges. Thus
the microcontroller reads SDOUT data at rising SCLK
edges.
After the read status command has been sent, the SDATA
line must be set to 3-state not later than at the falling SCLK
edge of the last bit.
The 8th read bit is shorter than the others because it is
terminated by the rising SCLK edge (see Fig.24). The last
rising SCLK edge sets SDOUT to 3-state after a delay
time (see time t4 in Fig.44).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com