Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF8813 Datasheet(PDF) 56 Page - NXP Semiconductors

Part # PCF8813
Description  (67 1) x 102 pixels matrix LCD driver
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8813 Datasheet(HTML) 56 Page - NXP Semiconductors

Back Button PCF8813 Datasheet HTML 52Page - NXP Semiconductors PCF8813 Datasheet HTML 53Page - NXP Semiconductors PCF8813 Datasheet HTML 54Page - NXP Semiconductors PCF8813 Datasheet HTML 55Page - NXP Semiconductors PCF8813 Datasheet HTML 56Page - NXP Semiconductors PCF8813 Datasheet HTML 57Page - NXP Semiconductors PCF8813 Datasheet HTML 58Page - NXP Semiconductors PCF8813 Datasheet HTML 59Page - NXP Semiconductors PCF8813 Datasheet HTML 60Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 72 page
background image
2004 Mar 05
56
Philips Semiconductors
Product specification
(67 + 1)
× 102 pixels matrix LCD driver
PCF8813
17.9
Programming examples
Table 25 Programming example for PCF8813 with serial interface (3-line serial, 3-line SPI or 4-line SPI)
STEP
SERIAL BUS BYTE
DISPLAY
OPERATION
D/C
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
1
start
SCE is going low
2
0
0
0
1
0
0
0
0
1
function set: PD = 0, V = 0;
select extended instruction
set (H = 1)
3
0
0
0
0
1
0
0
0
1
set PRS to higher
programming range
(PRS = 1)
4
0
1
0
0
1
0
0
0
0
set VPR: VPR*=
(a + 132*
× b) = 8.596 V
(required voltage is
dependent on liquid crystal
operating environment)
5
0
0
0
1
0
0
0
0
0
function set: PD = 0, V = 0;
select normal instruction set
(H=0)
6
0
0
0
0
0
1
1
0
0
display control: set normal
mode (D = 1 and E = 0)
7
0
0
0
0
1
0
1
1
0
set data order: DO = 0
000000000
8
−
1
1
1
0
0
0
0
0
option available in 3-line
SPI for setting display data
length command (7 shown)
−
00000111
9
1
0
0
0
1
1
1
1
1
data write: Y and X are
initialized to 0 by default, so
they are not set here
10
1
0
0
0
0
0
1
0
1
data write
11
1
0
0
0
0
0
1
1
1
data write
12
1
0
0
0
0
0
0
0
0
data write
13
1
0
0
0
1
1
1
1
1
data write
MGS405
MGS406
MGS407
MGS407
MGS409



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com