Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF8813 Datasheet(PDF) 15 Page - NXP Semiconductors

Part # PCF8813
Description  (67 1) x 102 pixels matrix LCD driver
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8813 Datasheet(HTML) 15 Page - NXP Semiconductors

Back Button PCF8813 Datasheet HTML 11Page - NXP Semiconductors PCF8813 Datasheet HTML 12Page - NXP Semiconductors PCF8813 Datasheet HTML 13Page - NXP Semiconductors PCF8813 Datasheet HTML 14Page - NXP Semiconductors PCF8813 Datasheet HTML 15Page - NXP Semiconductors PCF8813 Datasheet HTML 16Page - NXP Semiconductors PCF8813 Datasheet HTML 17Page - NXP Semiconductors PCF8813 Datasheet HTML 18Page - NXP Semiconductors PCF8813 Datasheet HTML 19Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 72 page
background image
2004 Mar 05
15
Philips Semiconductors
Product specification
(67 + 1)
× 102 pixels matrix LCD driver
PCF8813
7.13
Bottom row swap
This mode swaps the order of the order of the rows; see
Figs 13 and 14. The mode is useful to aide routing to
displays when it is not possible to pass tracks under the
device, as in the case of Tape Carrier Packages (TCP).
7.14
Output row order
The order in which the rows are activated is a function of
bits Bottom Row Swap (BRS), Mirror Y (MY) and Normal
Partial mode (N/P). This has important implications when
the device is used either in COG or TCP applications.
When MY is set to 0, the RAM is accessed in a linear
manner, starting at R0, counting to R66, then jumping to
the end for the icon data. When MY is set to 1, the RAM is
still accessed in a linear manner but starting from the last
row, counting down to zero and then jumping to the icon
data.
When N/P is set to 1, the Free Programmable Mux Rate
(FPMR) mode is disabled and row addressing is in normal
mode (see Section 11.9), therefore counting is the same
as for MY = 0 and BRS = 0. When N/P is 0, FPMR mode
is enabled. Only 65 rows are addressed/read in FPMR
mode.
Figures 13 and 14 show the possibility of connecting the
icon row (row R67) at the top or bottom of the display.
handbook, full pagewidth
MGW793
INTERFACE
COLUMNS
R15
R16
RAM
R31
R32
R47
R48
R63
R0
R67
R66
R67
Fig.13 Row order and interconnection with BRS = 0, MY = 0 and N/P=1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com