Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF8813 Datasheet(PDF) 42 Page - NXP Semiconductors

Part # PCF8813
Description  (67 1) x 102 pixels matrix LCD driver
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8813 Datasheet(HTML) 42 Page - NXP Semiconductors

Back Button PCF8813 Datasheet HTML 38Page - NXP Semiconductors PCF8813 Datasheet HTML 39Page - NXP Semiconductors PCF8813 Datasheet HTML 40Page - NXP Semiconductors PCF8813 Datasheet HTML 41Page - NXP Semiconductors PCF8813 Datasheet HTML 42Page - NXP Semiconductors PCF8813 Datasheet HTML 43Page - NXP Semiconductors PCF8813 Datasheet HTML 44Page - NXP Semiconductors PCF8813 Datasheet HTML 45Page - NXP Semiconductors PCF8813 Datasheet HTML 46Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 72 page
background image
2004 Mar 05
42
Philips Semiconductors
Product specification
(67 + 1)
× 102 pixels matrix LCD driver
PCF8813
Notes
1. fframe =
: (n depends on the multiplex rate, see Table 18).
2. VDD1 = 1.7 V to 3.3 V; VSS = 0 V; VLCD = 3.0 to 9.0 V; Tamb = −40 to +85 °C, all MUX settings.
3. VDD1 = 2.4 V to 3.0 V; Tamb = −20 °C to +70 °C; MUX = 68.
4. RES may be LOW before VDD on.
5. Maximum values are for fSCLK = 9 MHz. Series resistance includes ITO track + connector resistance + printed-circuit
board.
6. SDOUT disable time for SPI 3-line or 4-line interface.
7. SDOUT disable time for serial 3-line interface.
8. Typical conditions: VDD1 = 2.8 V, Tamb =20 °C, MUX = 68; fframe =70 ± 3.4 Hz.
9. Inputs SDAH and SCLH are filtered and will reject spikes on the bus lines with a width of less than tSW(max).
tHD;DAT
data hold time
0
−
70
ns
tSU;STO
set-up time for STOP condition
160
−−
ns
Cb
capacitive load for SDAH and
SCLH lines
total capacitance of one
bus line
−−
100
pF
capacitive load for SDAH + SDA
line and SCLH + SCL line
−−
400
pF
tSP
tolerable spike width on bus
note 9
−−
5ns
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
f
ext
n
-------
Table 18 Value of n as a function of multiplex rate
MULTIPLEX RATE
n
68
483
65
462
57
464
49
500
41
504
33
476
25
468
17
505
9
500



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com