Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCF8813 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PCF8813
Description  (67 1) x 102 pixels matrix LCD driver
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8813 Datasheet(HTML) 3 Page - NXP Semiconductors

  PCF8813 Datasheet HTML 1Page - NXP Semiconductors PCF8813 Datasheet HTML 2Page - NXP Semiconductors PCF8813 Datasheet HTML 3Page - NXP Semiconductors PCF8813 Datasheet HTML 4Page - NXP Semiconductors PCF8813 Datasheet HTML 5Page - NXP Semiconductors PCF8813 Datasheet HTML 6Page - NXP Semiconductors PCF8813 Datasheet HTML 7Page - NXP Semiconductors PCF8813 Datasheet HTML 8Page - NXP Semiconductors PCF8813 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 72 page
background image
2004 Mar 05
3
Philips Semiconductors
Product specification
(67 + 1)
× 102 pixels matrix LCD driver
PCF8813
1
FEATURES
• Single-chip LCD controller or driver
• 67 row + 1 icon row, 102 column outputs (the icon row is
available twice to allow icons to be displayed at the top
or at the bottom of the display)
• Very low power consumption, optimized for
battery operated systems
• On-chip:
– Display data RAM 68
× 102 bits
– Configurable voltage multiplier (
× 5, × 4, × 3 and × 2)
generating highly accurate VLCD and includes
booster capacitors (external VLCD is also possible)
– Temperature compensation of VLCD with four
selectable temperature coefficients
– Generation of intermediate LCD bias voltages
– Highly-accurate built-in oscillator requiring no
external components (an external clock is also
possible)
• High integration level resulting in minimum number of
external capacitors and resistors
• Selectable 8-bit parallel interface, 3-line or 4-line Serial
Peripheral Interface (SPI), 3-line serial interface and
high-speed I2C-bus interface
• External reset input
• CMOS compatible inputs
• Mux rates: 1 : 9 to 1 : 65 in steps of 8 and1:68
• Logic supply voltage range 1.7 to 3.3 V
• High voltage generator supply voltage range
2.4 to 4.5 V
• Display supply voltage range 3.0 to 9.0 V
• One Time Programmable (OTP) VLCD trimming
• Horizontal and vertical mirroring
• Status read which allows chip recognition and content
checking of some registers
• Start address line which allows, for instance, scrolling of
the displayed image
• Programmable display RAM pointers for various display
sizes
• Slim chip layout optimized for chip-on-glass applications
• Operating temperature range −40 to +85 °C
• Very close tolerance on VLCD and frame frequency for
excellent optical performance
• Support for LCD cell tolerance compensation of VLCD by
OTP storage.
2
APPLICATIONS
• Telecom equipment
• Portable instruments
• Point of sale terminals.
3
GENERAL DESCRIPTION
The PCF8813 is a low power CMOS LCD controller driver
designed to drive a graphic display of 67 rows and
102 columns plus an icon row of up to 102 symbols. All
necessary functions for the display are provided in a single
chip, including on-chip generation of the LCD supply and
bias voltages, resulting in a minimum of external
components and low power consumption. The PCF8813
can interface to microcontrollers via a parallel, serial or
I2C-bus interface.
4
ORDERING INFORMATION
TYPE NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
PCF8813U/2DA/2
chip with bumps in tray for COG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com