Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NT5CC64M16GP-DHT Datasheet(PDF) 63 Page - Nanya Technology Corporation.

Part # NT5CC64M16GP-DHT
Description  Commercial, Industrial and AutomotiveDDR3(L) 1 Gb SDRAM
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NANYA [Nanya Technology Corporation.]
Direct Link  http://www.nanya.com
Logo NANYA - Nanya Technology Corporation.

NT5CC64M16GP-DHT Datasheet(HTML) 63 Page - Nanya Technology Corporation.

Back Button NT5CC64M16GP-DHT Datasheet HTML 59Page - Nanya Technology Corporation. NT5CC64M16GP-DHT Datasheet HTML 60Page - Nanya Technology Corporation. NT5CC64M16GP-DHT Datasheet HTML 61Page - Nanya Technology Corporation. NT5CC64M16GP-DHT Datasheet HTML 62Page - Nanya Technology Corporation. NT5CC64M16GP-DHT Datasheet HTML 63Page - Nanya Technology Corporation. NT5CC64M16GP-DHT Datasheet HTML 64Page - Nanya Technology Corporation. NT5CC64M16GP-DHT Datasheet HTML 65Page - Nanya Technology Corporation. NT5CC64M16GP-DHT Datasheet HTML 66Page - Nanya Technology Corporation. NT5CC64M16GP-DHT Datasheet HTML 67Page - Nanya Technology Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 160 page
background image
Version 2.2
63
Nanya Technology Cooperation ©
04/2019
All Rights Reserved.
NTC Proprietary
Level: Property
DDR3(L) 1Gb SDRAM
NT5CB(C)128M8GN / NT5CB(C)64M16GP
Before a command that requires a locked DLL can be applied, a delay of at least tXSDLL must be satisfied. Depending on
the system environment and the amount of time spent in Self-Refresh, ZQ calibration commands may be required to
compensate for the voltage and temperature drift as described in “ZQ Calibration Commands”. To issue ZQ calibration
commands, applicable timing requirements must be satisfied.
CKE must remain HIGH for the entire Self-Refresh exit period tXSDLL for proper operation except for Self-Refresh re-entry.
Upon exit from Self-Refresh, the DDR3(L) SDRAM can be put back into Self-Refresh mode after waiting at least tXS period
and issuing one refresh command (refresh period of tRFC). NOP or deselect commands must be registered on each
positive clock edge during the Self-Refresh exit interval tXS. ODT must be turned off during tXSDLL.
The use of Self-Refresh mode instructs the possibility that an internally times refresh event can be missed when CKE is
raised for exit from Self-Refresh mode. Upon exit from Self-Refresh, the DDR3(L) SDRAM requires a minimum of one extra
refresh command before it is put back into Self-Refresh mode.
Self-Refresh Entry/Exit Timing
CK, CK
T1
T2
Ta0
Tb0
Tc0
Tc1
Te0
Tf
ODTL
tCKSRE
tCKSRX
tCPDED
tRP
SRE
NOP
Valid 2)
tCKESR
tXSDLL
tXS
CMD
ODT
Note:
1. Only NOP or DES commands
2. Valid commands not requiring a locked DLL
3. Valid commands requiring a locked DLL
T0
Td0
Valid
CKE
NOP
SRX
NOP 1)
Valid 3)
Valid
Valid
Valid
Valid
Enter Self Refresh
Exit Self Refresh
Do Not
Care
Time
Break
T



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com