Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NT5CC64M16GP-DHT Datasheet(PDF) 31 Page - Nanya Technology Corporation.

Part # NT5CC64M16GP-DHT
Description  Commercial, Industrial and AutomotiveDDR3(L) 1 Gb SDRAM
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NANYA [Nanya Technology Corporation.]
Direct Link  http://www.nanya.com
Logo NANYA - Nanya Technology Corporation.

NT5CC64M16GP-DHT Datasheet(HTML) 31 Page - Nanya Technology Corporation.

Back Button NT5CC64M16GP-DHT Datasheet HTML 27Page - Nanya Technology Corporation. NT5CC64M16GP-DHT Datasheet HTML 28Page - Nanya Technology Corporation. NT5CC64M16GP-DHT Datasheet HTML 29Page - Nanya Technology Corporation. NT5CC64M16GP-DHT Datasheet HTML 30Page - Nanya Technology Corporation. NT5CC64M16GP-DHT Datasheet HTML 31Page - Nanya Technology Corporation. NT5CC64M16GP-DHT Datasheet HTML 32Page - Nanya Technology Corporation. NT5CC64M16GP-DHT Datasheet HTML 33Page - Nanya Technology Corporation. NT5CC64M16GP-DHT Datasheet HTML 34Page - Nanya Technology Corporation. NT5CC64M16GP-DHT Datasheet HTML 35Page - Nanya Technology Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 160 page
background image
Version 2.2
31
Nanya Technology Cooperation ©
04/2019
All Rights Reserved.
NTC Proprietary
Level: Property
DDR3(L) 1Gb SDRAM
NT5CB(C)128M8GN / NT5CB(C)64M16GP
DDR3(L) SDRAM Command Description and Operation
Command Truth Table (Conti.)
NOTE1. All DDR3(L) SDRAM commands are defined by states of
, RA, A, WEand CKE at the rising edge of the clock. The MSB of
BA, RA and CA are device density and configuration dependant.
NOTE2.
REET is Low enable command which will be used only for asynchronous reset so must be maintained HIGH during any function.
NOTE3. Bank addresses (BA) determine which bank is to be operated upon. For (E)MRS BA selects an (Extended) Mode Register.
NOTE4. “V” means “H or L (but a defined logic level)” and “X” means either “defined or undefined (like floating) logic level”.
NOTE5. Burst reads or writes cannot be terminated or interrupted and Fixed/on-the-Fly BL will be defined by MRS.
NOTE6. The Power-Down Mode does not perform any refresh operation.
NOTE7. The state of ODT does not affect the states described in this table. The ODT function is not available during Self Refresh.
NOTE8. Self Refresh Exit is asynchronous.
NOTE9. VREF (Both VrefDQ and VrefCA) must be maintained during Self Refresh operation.
NOTE10. The No Operation command should be used in cases when the DDR3(L) SDRAM is in an idle or wait state. The purpose of the
No Operation command (NOP) is to prevent the DDR3(L) SDRAM from registering any unwanted commands between operations.
A No Operation command will not terminate a pervious operation that is still executing, such as a burst read or write cycle.
NOTE11. The Deselect command performs the same function as No Operation command.
NOTE12. Refer to the CKE Truth Table for more detail with CKE transition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com