Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NT5CC64M16GP-DHT Datasheet(PDF) 76 Page - Nanya Technology Corporation.

Part # NT5CC64M16GP-DHT
Description  Commercial, Industrial and AutomotiveDDR3(L) 1 Gb SDRAM
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NANYA [Nanya Technology Corporation.]
Direct Link  http://www.nanya.com
Logo NANYA - Nanya Technology Corporation.

NT5CC64M16GP-DHT Datasheet(HTML) 76 Page - Nanya Technology Corporation.

Back Button NT5CC64M16GP-DHT Datasheet HTML 72Page - Nanya Technology Corporation. NT5CC64M16GP-DHT Datasheet HTML 73Page - Nanya Technology Corporation. NT5CC64M16GP-DHT Datasheet HTML 74Page - Nanya Technology Corporation. NT5CC64M16GP-DHT Datasheet HTML 75Page - Nanya Technology Corporation. NT5CC64M16GP-DHT Datasheet HTML 76Page - Nanya Technology Corporation. NT5CC64M16GP-DHT Datasheet HTML 77Page - Nanya Technology Corporation. NT5CC64M16GP-DHT Datasheet HTML 78Page - Nanya Technology Corporation. NT5CC64M16GP-DHT Datasheet HTML 79Page - Nanya Technology Corporation. NT5CC64M16GP-DHT Datasheet HTML 80Page - Nanya Technology Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 160 page
background image
Version 2.2
76
Nanya Technology Cooperation ©
04/2019
All Rights Reserved.
NTC Proprietary
Level: Property
DDR3(L) 1Gb SDRAM
NT5CB(C)128M8GN / NT5CB(C)64M16GP
ODT Timing Diagrams
Dynamic ODT: Behavior with ODT being asserted before and after the write
Note: Example for BC4 (via MRS or OTF), AL=0, CWL=5. ODTH4 applies to first registering ODT high and to the registration of the Write
command. In this example ODTH4 would be satisfied if ODT went low at T8. (4 clocks after the Write command).
Dynamic ODT: Behavior without write command, AL=0, CWL=5
Note: ODTH4 is defined from ODT registered high to ODT registered low, so in this example ODTH4 is satisfied; ODT registered low at T5
would also be legal.
CK
CK
T11
T10
T0
T1
T3
T5
T6
T7
T9
T2
T4
T8
T12
T13
T14
T15
T16
CMD
ODT
RTT
DQS/DQS
DQ
ODTLon
ODTLcwn4
T17
ODTLcnw
tAONmin
tAONmax
tADCmin
tADCmax
WL
tADCmin
tADCmax
tAOFmin
tAOFmax
Address
RTT_WR
Din
n
Din
n+1
Din
n+2
Din
n+3
ODTH4
ODTLoff
NOP
NOP
NOP
NOP
WRS4
NOP
NOP
NOP
NOP
NOP
NOP
NOP
NOP
NOP
NOP
NOP
NOP
NOP
Valid
ODTH4
RTT_Nom
Do not
care
Transitioning
RTT_Nom
tADCmax
CK
CK
T11
T10
T0
T1
T3
T5
T6
T7
T9
T2
T4
T8
CMD
ODT
RTT
DQS/DQS
DQ
ODTLon
ODTLoff
tAONmin
tAONmax
tADCmin
RTT_Nom
Valid
Valid
Valid
Valid
Valid
Valid
Valid
Valid
Valid
Valid
Valid
Valid
Address
ODTH4
ODTLoff
Do not
care
Transitioning



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com