Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NT5CC64M16GP-DHT Datasheet(PDF) 9 Page - Nanya Technology Corporation.

Part # NT5CC64M16GP-DHT
Description  Commercial, Industrial and AutomotiveDDR3(L) 1 Gb SDRAM
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NANYA [Nanya Technology Corporation.]
Direct Link  http://www.nanya.com
Logo NANYA - Nanya Technology Corporation.

NT5CC64M16GP-DHT Datasheet(HTML) 9 Page - Nanya Technology Corporation.

Back Button NT5CC64M16GP-DHT Datasheet HTML 5Page - Nanya Technology Corporation. NT5CC64M16GP-DHT Datasheet HTML 6Page - Nanya Technology Corporation. NT5CC64M16GP-DHT Datasheet HTML 7Page - Nanya Technology Corporation. NT5CC64M16GP-DHT Datasheet HTML 8Page - Nanya Technology Corporation. NT5CC64M16GP-DHT Datasheet HTML 9Page - Nanya Technology Corporation. NT5CC64M16GP-DHT Datasheet HTML 10Page - Nanya Technology Corporation. NT5CC64M16GP-DHT Datasheet HTML 11Page - Nanya Technology Corporation. NT5CC64M16GP-DHT Datasheet HTML 12Page - Nanya Technology Corporation. NT5CC64M16GP-DHT Datasheet HTML 13Page - Nanya Technology Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 160 page
background image
Version 2.2
9
Nanya Technology Cooperation ©
04/2019
All Rights Reserved.
NTC Proprietary
Level: Property
DDR3(L) 1Gb SDRAM
NT5CB(C)128M8GN / NT5CB(C)64M16GP
Symbol
Type
Function
REET
Input
Active Low Asynchronous Reset: Reset is active when REET is LOW, and inactive when
REET is HIGH. REET must be HIGH during normal operation. REET is a CMOS rail to rail
signal with DC high and low at 80% and 20% of VDD, i.e. 1.20V for DC high and 0.30V.
DQ
Input/output
Data Inputs/Output: Bi-directional data bus. DQ0 is the prime DQ in a low byte lane of
x4/x8/x16 configuration and DQ8 is the prime DQ in a high byte lane of x16 configuration for write
leveling.
For x8,
DQS, (
)
For x16,
DQSL,(
L),
DQSU,(
U)
Input/output
Data Strobe: output with read data, input with write data. Edge aligned with read data, centered
with write data. The data strobes DQS, DQSL, DQSU are paired with differential signals
,
L, U, respectively, to provide differential pair signaling to the system during both reads
and writes. DDR3 SDRAM supports differential data strobe only and does not support
single-ended. For the x16, DQSL corresponds to the data on DQL0-DQL7; DQSU corresponds to
the data on DQU0-DQU7
For x8,
TDQS, (
T)
Output
Termination Data Strobe: TDQS/T is applicable for X8 DRAMs only. When enabled via
Mode Register A11=1 in MR1, DRAM will enable the same termination resistance function on
TDQS/
T that is applied to DQS/. When disabled via mode register A11=0 in MR1,
DM/
T will provide the data mask function and T is not used. x16 DRAMs must disable the
TDQS function via mode register A11=0 in MR1.
NC
-
No Connect: No internal electrical connection is present.
VDDQ
Supply
DQ Power Supply: 1.35V -0.067V/+0.1V or 1.5V ± 0.075V
VDD
Supply
Power Supply: 1.35V -0.067V/+0.1V or 1.5V ± 0.075V
VSSQ
Supply
DQ Ground
VSS
Supply
Ground
VREFCA
Supply
Reference voltage for CA
VREFDQ
Supply
Reference voltage for DQ
ZQ
Supply
Reference pin for ZQ calibration.
Notes:
1. Input only pins (BA0-BA2, A0-A13,
RA, A, WE, , CKE, ODT, and REET) do not supply termination.
2. The signal may show up in a different symbol but it indicates the same thing. e.g., /CK = CK# =  = CKb, /DQS = DQS# =
 = DQSb, /CS = CS# =  = CSb.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com