Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NT5CB128M8GP-DHT Datasheet(PDF) 88 Page - Nanya Technology Corporation.

Part # NT5CB128M8GP-DHT
Description  Commercial, Industrial and AutomotiveDDR3(L) 1 Gb SDRAM
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NANYA [Nanya Technology Corporation.]
Direct Link  http://www.nanya.com
Logo NANYA - Nanya Technology Corporation.

NT5CB128M8GP-DHT Datasheet(HTML) 88 Page - Nanya Technology Corporation.

Back Button NT5CB128M8GP-DHT Datasheet HTML 84Page - Nanya Technology Corporation. NT5CB128M8GP-DHT Datasheet HTML 85Page - Nanya Technology Corporation. NT5CB128M8GP-DHT Datasheet HTML 86Page - Nanya Technology Corporation. NT5CB128M8GP-DHT Datasheet HTML 87Page - Nanya Technology Corporation. NT5CB128M8GP-DHT Datasheet HTML 88Page - Nanya Technology Corporation. NT5CB128M8GP-DHT Datasheet HTML 89Page - Nanya Technology Corporation. NT5CB128M8GP-DHT Datasheet HTML 90Page - Nanya Technology Corporation. NT5CB128M8GP-DHT Datasheet HTML 91Page - Nanya Technology Corporation. NT5CB128M8GP-DHT Datasheet HTML 92Page - Nanya Technology Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 160 page
background image
Version 2.2
88
Nanya Technology Cooperation ©
04/2019
All Rights Reserved.
NTC Proprietary
Level: Property
DDR3(L) 1Gb SDRAM
NT5CB(C)128M8GN / NT5CB(C)64M16GP
AC & DC Operating Conditions
Recommended DC Operating Conditions
Symbol
Parameter
Rating
Unit
Note
Min.
Typ.
Max.
VDD
Supply Voltage
DDR3
1.425
1.5
1.575
V
1,2
DDR3L
1.283
1.35
1.45
3,4,5,6,7
VDDQ
Supply Voltage for Output
DDR3
1.425
1.5
1.575
V
1,2
DDR3L
1.283
1.35
1.45
3,4,5,6,7
Note:
1. Under all conditions VDDQ must be less than or equal to VDD.
2. VDDQ tracks with VDD. AC parameters are measured with VDD and VDDQ tied together.
3. Maximun DC value may not be great than 1.425V.The DC value is the linear average of VDD/ VDDQ(t) over a very long period of time
(e.g., 1 sec).
4. If maximum limit is exceeded, input levels shall be governed by DDR3 specifications.
5. Under these supply voltages, the device operates to this DDR3L specification.
6. Once initialized for DDR3 operation, DDR3L operation may only be used if the device is in reset while VDD and VDDQ are changed
for DDR3L operation.
7. VDD= VDDQ= 1.35V (1.283–1.45V )
Backward compatible to VDD= VDDQ= 1.5V ±0.075V
Supports DDR3L devices to be backward com-patible in 1.5V applications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com