Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NT5CB128M8GP-DHT Datasheet(PDF) 29 Page - Nanya Technology Corporation.

Part # NT5CB128M8GP-DHT
Description  Commercial, Industrial and AutomotiveDDR3(L) 1 Gb SDRAM
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NANYA [Nanya Technology Corporation.]
Direct Link  http://www.nanya.com
Logo NANYA - Nanya Technology Corporation.

NT5CB128M8GP-DHT Datasheet(HTML) 29 Page - Nanya Technology Corporation.

Back Button NT5CB128M8GP-DHT Datasheet HTML 25Page - Nanya Technology Corporation. NT5CB128M8GP-DHT Datasheet HTML 26Page - Nanya Technology Corporation. NT5CB128M8GP-DHT Datasheet HTML 27Page - Nanya Technology Corporation. NT5CB128M8GP-DHT Datasheet HTML 28Page - Nanya Technology Corporation. NT5CB128M8GP-DHT Datasheet HTML 29Page - Nanya Technology Corporation. NT5CB128M8GP-DHT Datasheet HTML 30Page - Nanya Technology Corporation. NT5CB128M8GP-DHT Datasheet HTML 31Page - Nanya Technology Corporation. NT5CB128M8GP-DHT Datasheet HTML 32Page - Nanya Technology Corporation. NT5CB128M8GP-DHT Datasheet HTML 33Page - Nanya Technology Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 160 page
background image
Version 2.2
29
Nanya Technology Cooperation ©
04/2019
All Rights Reserved.
NTC Proprietary
Level: Property
DDR3(L) 1Gb SDRAM
NT5CB(C)128M8GN / NT5CB(C)64M16GP
MPR MR3 Register Definition
MR3 A[2]
MR3 A[1:0]
Function
Burst Length
Read Address
A[2:0]
Burst Order
and Data Pattern
1b
00b
Read Predefined
Pattern for System
Calibration
BL8
000b
Burst order 0,1,2,3,4,5,6,7
Pre-defined Data Pattern [0,1,0,1,0,1,0,1]
BC4
000b
Burst order 0,1,2,3
Pre-defined Data Pattern [0,1,0,1]
BC4
100b
Burst order 4,5,6,7
Pre-defined Data Pattern [0,1,0,1]
1b
01b
RFU
BL8
000b
Burst order 0,1,2,3,4,5,6,7
BC4
000b
Burst order 0,1,2,3
BC4
100b
Burst order 4,5,6,7
1b
10b
RFU
BL8
000b
Burst order 0,1,2,3,4,5,6,7
BC4
000b
Burst order 0,1,2,3
BC4
100b
Burst order 4,5,6,7
1b
11b
RFU
BL8
000b
Burst order 0,1,2,3,4,5,6,7
BC4
000b
Burst order 0,1,2,3
BC4
100b
Burst order 4,5,6,7
NOTE: Burst order bit 0 is assigned to LSB and the burst order bit 7 is assigned to MSB of the selected MPR agent.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com