Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NT5CB128M8GP-DHT Datasheet(PDF) 30 Page - Nanya Technology Corporation.

Part # NT5CB128M8GP-DHT
Description  Commercial, Industrial and AutomotiveDDR3(L) 1 Gb SDRAM
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NANYA [Nanya Technology Corporation.]
Direct Link  http://www.nanya.com
Logo NANYA - Nanya Technology Corporation.

NT5CB128M8GP-DHT Datasheet(HTML) 30 Page - Nanya Technology Corporation.

Back Button NT5CB128M8GP-DHT Datasheet HTML 26Page - Nanya Technology Corporation. NT5CB128M8GP-DHT Datasheet HTML 27Page - Nanya Technology Corporation. NT5CB128M8GP-DHT Datasheet HTML 28Page - Nanya Technology Corporation. NT5CB128M8GP-DHT Datasheet HTML 29Page - Nanya Technology Corporation. NT5CB128M8GP-DHT Datasheet HTML 30Page - Nanya Technology Corporation. NT5CB128M8GP-DHT Datasheet HTML 31Page - Nanya Technology Corporation. NT5CB128M8GP-DHT Datasheet HTML 32Page - Nanya Technology Corporation. NT5CB128M8GP-DHT Datasheet HTML 33Page - Nanya Technology Corporation. NT5CB128M8GP-DHT Datasheet HTML 34Page - Nanya Technology Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 160 page
background image
Version 2.2
30
Nanya Technology Cooperation ©
04/2019
All Rights Reserved.
NTC Proprietary
Level: Property
DDR3(L) 1Gb SDRAM
NT5CB(C)128M8GN / NT5CB(C)64M16GP
DDR3(L) SDRAM Command Description and Operation
Command Truth Table
Function
Abbr.
CKE
 RA A WE
BA0-
BA2
A13 A12-

A10-
AP
A0-
A9,
A11
NOTES
Previous
Cycle
Current
Cycle
Mode Register Set
MRS
H
H
L
L
L
L
BA
OP Code
Refresh
REF
H
H
L
L
L
H
V
V
V
V
V
Self Refresh Entry
SRE
H
L
L
L
L
H
V
V
V
V
V
7,9,12
Self Refresh Exit
SRX
L
H
H
X
X
X
X
X
X
X
X
7,8,9,12
L
H
H
H
V
V
V
V
V
Single Bank Precharge
PRE
H
H
L
L
H
L
BA
V
V
L
V
Precharge all Banks
PREA
H
H
L
L
H
L
V
V
V
H
V
Bank Activate
ACT
H
H
L
L
H
H
BA
Row Address (RA)
Write (Fixed BL8 or BC4)
WR
H
H
L
H
L
L
BA
RFU
V
L
CA
Write (BC4, on the Fly)
WRS4
H
H
L
H
L
L
BA
RFU
L
L
CA
Write (BL8, on the Fly)
WRS8
H
H
L
H
L
L
BA
RFU
H
L
CA
Write with Auto Precharge (Fixed BL8 or BC4)
WRA
H
H
L
H
L
L
BA
RFU
V
H
CA
Write with Auto Precharge (BC4, on the Fly)
WRAS4
H
H
L
H
L
L
BA
RFU
L
H
CA
Write with Auto Precharge (BL8, on the Fly)
WRAS8
H
H
L
H
L
L
BA
RFU
H
H
CA
Read (Fixed BL8 or BC4)
RD
H
H
L
H
L
H
BA
RFU
V
L
CA
Read (BC4, on the Fly
RDS4
H
H
L
H
L
H
BA
RFU
L
L
CA
Read (BL8, on the Fly)
RDS8
H
H
L
H
L
H
BA
RFU
H
L
CA
Read with Auto Precharge (Fixed BL8 or BC4)
RDA
H
H
L
H
L
H
BA
RFU
V
H
CA
Read with Auto Precharge (BC4, on the Fly)
RDAS4
H
H
L
H
L
H
BA
RFU
L
H
CA
Read with Auto Precharge (BL8, on the Fly)
RDAS8
H
H
L
H
L
H
BA
RFU
H
H
CA
No Operation
NOP
H
H
L
H
H
H
V
V
V
V
V
10
Device Deselected
DES
H
H
H
X
X
X
X
X
X
X
X
11
Power Down Entry
PDE
H
L
L
H
H
H
V
V
V
V
V
6,12
H
X
X
X
X
X
X
X
X
Power Down Exit
PDX
L
H
L
H
H
H
V
V
V
V
V
6,12
H
X
X
X
X
X
X
X
X
ZQ Calibration Long
ZQCL
H
H
L
H
H
L
X
X
X
H
X
ZQ Calibration Short
ZQCS
H
H
L
H
H
L
X
X
X
L
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com