Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NT5CC128M8GP-EKB Datasheet(PDF) 66 Page - Nanya Technology Corporation.

Part # NT5CC128M8GP-EKB
Description  Commercial, Industrial and AutomotiveDDR3(L) 1 Gb SDRAM
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NANYA [Nanya Technology Corporation.]
Direct Link  http://www.nanya.com
Logo NANYA - Nanya Technology Corporation.

NT5CC128M8GP-EKB Datasheet(HTML) 66 Page - Nanya Technology Corporation.

Back Button NT5CC128M8GP-EKB Datasheet HTML 62Page - Nanya Technology Corporation. NT5CC128M8GP-EKB Datasheet HTML 63Page - Nanya Technology Corporation. NT5CC128M8GP-EKB Datasheet HTML 64Page - Nanya Technology Corporation. NT5CC128M8GP-EKB Datasheet HTML 65Page - Nanya Technology Corporation. NT5CC128M8GP-EKB Datasheet HTML 66Page - Nanya Technology Corporation. NT5CC128M8GP-EKB Datasheet HTML 67Page - Nanya Technology Corporation. NT5CC128M8GP-EKB Datasheet HTML 68Page - Nanya Technology Corporation. NT5CC128M8GP-EKB Datasheet HTML 69Page - Nanya Technology Corporation. NT5CC128M8GP-EKB Datasheet HTML 70Page - Nanya Technology Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 160 page
background image
Version 2.2
66
Nanya Technology Cooperation ©
04/2019
All Rights Reserved.
NTC Proprietary
Level: Property
DDR3(L) 1Gb SDRAM
NT5CB(C)128M8GN / NT5CB(C)64M16GP
Power-Down Entry after Write with Auto Precharge
Power-Down Entry after Write
T0
T1
Ta0
Ta1
Ta2
Ta3
Ta4
Ta5
CK
CK
WRITE
NOP
NOP
NOP
NOP
NOP
NOP
CMD
CKE
Address
Bank,
Col n
Power-Down
Entry
Do not
care
Time
Break
Ta6
Ta7
Tb0
Tb1
Tb2
NOP
NOP
NOP
NOP
NOP
NOP
tIS
tCPDED
WL=AL+CWL
Din
b
Din
b+1
Din
b+2
Din
b+3
Din
b+4
Din
b+5
Din
b+6
Din
b+7
Din
b
Din
b+1
Din
b+2
Din
b+3
tWRPDEN
BL8
BC4
Tc0
NOP
tPD
WR
DQS,
DQS
T0
T1
Ta0
Ta1
Ta2
Ta3
Ta4
Ta5
CK
CK
WRITE
NOP
NOP
NOP
NOP
NOP
NOP
CMD
CKE
Address
Bank,
Col n
Power-Down
Entry
Do not
care
Time
Break
Ta6
Ta7
Tb0
Tb1
Tb2
NOP
NOP
NOP
NOP
NOP
NOP
tIS
tCPDED
WL=AL+CWL
Din
b
Din
b+1
Din
b+2
Din
b+3
Din
b+4
Din
b+5
Din
b+6
Din
b+7
Din
b
Din
b+1
Din
b+2
Din
b+3
tWRAPDEN
BL8
BC4
WR (1)
Tb3
NOP
Tc0
Valid
tPD
Start Internal
Precharge
DQS,
DQS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com