Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RM3182S/883B Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # RM3182S/883B
Description  ARINC 429 Differential Line Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

RM3182S/883B Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  RM3182S/883B Datasheet HTML 1Page - List of Unclassifed Manufacturers RM3182S/883B Datasheet HTML 2Page - List of Unclassifed Manufacturers RM3182S/883B Datasheet HTML 3Page - List of Unclassifed Manufacturers RM3182S/883B Datasheet HTML 4Page - List of Unclassifed Manufacturers RM3182S/883B Datasheet HTML 5Page - List of Unclassifed Manufacturers RM3182S/883B Datasheet HTML 6Page - List of Unclassifed Manufacturers RM3182S/883B Datasheet HTML 7Page - List of Unclassifed Manufacturers RM3182S/883B Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Electronics
Semiconductor Division
Features
• Adjustable rise and fall times
• Adjustable output voltage swing
• Short circuit protected
• Output overvoltage protected
• Sync and clock enable inputs
• TTL and CMOS compatible inputs
• MIL-STD-883B types available
• 100 Kbits/second data rate
Description
The RM3182 consists of a bus interface line driver circuit
plus auxiliary gating and synchronization circuitry. Designed
to address the ARINC 429 standard, the RM3182 has output
rise and fall times adjustable by the selection of two external
capacitor values, and the output voltage swing range can be
adjusted through an externally applied VREF signal.
The logic inputs as well as the sync control inputs are
TTL-CMOS compatible. The device is constructed on a
monolithic IC using a junction-isolated bipolar process.
Sputtered SiCr resistors are used in the internal bias cir-
cuitry, providing stable internal bias currents. The RM3182
is available in 16-lead ceramic DIP and 28-pad LCC, and can
be ordered with MIL-STD883B high reliability screening.
Block Diagram
Level Shifter
And Slope
Control (A)
Level Shifter
And Slope
Control (B)
65-3182-01
R
L
R
/2
OUT
R
/2
OUT
CL
A
B
(6)
(11)
OUT
OUT
Over-
Voltage
Clamps
Data (A)
Clock
Sync
Data (B)
V1
Power
Enable
(4)
(14)
(3)
(13)
(16)
(2)
Current
Regulator
-VS
CB
Output
Driver
(A)
Output
Driver
(B)
(8)
Gnd
(5)
CA
(9)
+V
S
Notes:
1. RL and CL are external. Full load values are: RL = 400Ω, CL = 0.03µF.
2. Pin numbers are for 16-lead DIP.
(12)
(1)
VREF
(7)
RM3182
ARINC 429 Differential Line Driver
Rev. 1.0.0


Similar Part No. - RM3182S/883B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RM3183 ETC1-RM3183 Datasheet
86Kb / 12P
Dual ARINC 429 Line Receiver
RM3183L ETC1-RM3183L Datasheet
86Kb / 12P
Dual ARINC 429 Line Receiver
RM3183S ETC1-RM3183S Datasheet
86Kb / 12P
Dual ARINC 429 Line Receiver
More results

Similar Description - RM3182S/883B

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-3182 HOLTIC-HI-3182 Datasheet
428Kb / 10P
ARINC 429 DIFFERENTIAL LINE DRIVER
HI-8382 HOLTIC-HI-8382 Datasheet
239Kb / 8P
ARINC 429 DIFFERENTIAL LINE DRIVER
HI-3182 HOLTIC-HI-3182_06 Datasheet
296Kb / 11P
ARINC 429 DIFFERENTIAL LINE DRIVER
HI-3182PSX-N HOLTIC-HI-3182PSX-N Datasheet
131Kb / 6P
ARINC 429 DIFFERENTIAL LINE DRIVER
HI-8382 HOLTIC-HI-8382_06 Datasheet
223Kb / 8P
ARINC 429 DIFFERENTIAL LINE DRIVER
HI-3189 HOLTIC-HI-3189 Datasheet
85Kb / 9P
ARINC 429 Differential Line Driver
HI-8382 HOLTIC-HI-8382_11 Datasheet
97Kb / 9P
ARINC 429 Differential Line Driver
HI-3182PSX-N HOLTIC-HI-3182PSX-N_08 Datasheet
76Kb / 7P
ARINC 429 Differential Line Driver
HI-3182 HOLTIC-HI-3182_08 Datasheet
121Kb / 12P
ARINC 429 Differential Line Driver
logo
Device Engineering Inco...
DEI3182A DEIAZ-DEI3182A Datasheet
385Kb / 10P
ARINC 429 DIFFERENTIAL LINE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com