Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RM3182S/883B Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # RM3182S/883B
Description  ARINC 429 Differential Line Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

RM3182S/883B Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  RM3182S/883B Datasheet HTML 1Page - List of Unclassifed Manufacturers RM3182S/883B Datasheet HTML 2Page - List of Unclassifed Manufacturers RM3182S/883B Datasheet HTML 3Page - List of Unclassifed Manufacturers RM3182S/883B Datasheet HTML 4Page - List of Unclassifed Manufacturers RM3182S/883B Datasheet HTML 5Page - List of Unclassifed Manufacturers RM3182S/883B Datasheet HTML 6Page - List of Unclassifed Manufacturers RM3182S/883B Datasheet HTML 7Page - List of Unclassifed Manufacturers RM3182S/883B Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
PRODUCT SPECIFICATION
RM3182
3
Electrical Characteristics
(VS =
±15V, VREF = V1 = +5V, PWR Enable = 0V, RL = open circuit, -55°C ≤ TA ≤ +125°C)
Note:
1. Guaranteed by design.
Typical Power Dissipation Characteristics
(VS =
±15V, V1 = VREF = +5V, Pwr Enable = 0V, TA = + 25°C)
Note:
1. RL = 400
Ω, CL = 0.03 µF (see Block Diagram).
Parameters
Test Conditlons
Min.
Typ.
Max.
Units
Positive Supply Current
Data Rate = 0 to 100 Kbits/sec
11
16
mA
Negative Supply Current
Data Rate = 0 to 100 Kbits/sec
-16
-10
mA
V1 Supply Current
Data Rate = 0 to 100 Kbits/sec
200
975
µA
VREF Supply Current
Data Rate = 0 to 100 Kbits/sec
-1.0
-0.4
-0.15
mA
Input Logic Level High
2.0
V
Input Logic Level Low
0.5
V
Output Voltage High
With Respect to Ground
4.75
5.0
5.25
V
Output Voltage Low
With Respect to Ground
-5.25
-5.0
-4.75
V
Output Voltage Null
Both Data Input = Logic 0
-250
0
+250
mV
Input Current High
VIN = 2.0V
1
10
µA
Input Current Low
VIN = 0.5V
-20
-1
µA
Output Short Circuit Current
Output in High State, to Gnd
-133
-80
mA
Output Short Circuit Current
Output in Low State, to Gnd
80
133
mA
Positive Supply Current
Output High and Shorted to Gnd
150
mA
Negative Supply Current
Output Low and Shorted to Gnd
-150
mA
Input Capacitance1
5
15
pF
Data Rate
(Kbits/sec)
Load
Positive
Supply
Current
Negative
Supply
Current
Pin V1
Supply
Current
Internal
Power
Dissipatlon
Load
Power
Dissipatlon
0 to 100
Open Circuit
11 mA
-10 mA
200
µA
325 mW
0
12.5 to 14
Full Load1
24 mA
-24 mA
200
µA
660 mW
60 mW
100
Full Load1
46 mA
-46 mA
200
µA
1000 mW
325 mW



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com