Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RM3182S/883B Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # RM3182S/883B
Description  ARINC 429 Differential Line Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

RM3182S/883B Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  RM3182S/883B Datasheet HTML 1Page - List of Unclassifed Manufacturers RM3182S/883B Datasheet HTML 2Page - List of Unclassifed Manufacturers RM3182S/883B Datasheet HTML 3Page - List of Unclassifed Manufacturers RM3182S/883B Datasheet HTML 4Page - List of Unclassifed Manufacturers RM3182S/883B Datasheet HTML 5Page - List of Unclassifed Manufacturers RM3182S/883B Datasheet HTML 6Page - List of Unclassifed Manufacturers RM3182S/883B Datasheet HTML 7Page - List of Unclassifed Manufacturers RM3182S/883B Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
RM3182
PRODUCT SPECIFICATION
6
Mechanical Dimensions
16-Lead Sidebraze DIP
A
—
.200
—
5.08
Symbol
Inches
Min.
Max.
Min.
Max.
Millimeters
Notes
b1
.014
.023
.36
.58
.065
1.65
b2
.045
1.14
c1
.008
.015
.20
.38
E
.280
.310
7.11
7.87
e
.100 BSC
2.54 BSC
L1
.140
—
3.56
—
L
.125
.200
3.18
5.08
.015
.070
.38
1.78
.005
—
.13
—
3
5
7
7
2
4, 8
eA
.300 BSC
7.62 BSC
6
Q
s1
.005
—
.13
—
s2
D
—
.860
—
21.84
Notes:
1.
2.
3.
4.
5.
6.
7.
8.
Index area: a notch or a pin one identification mark shall be located
adjacent to pin one. The manufacturer's identification shall not be
used as pin one identification mark.
The minimum limit for dimension "b2" may be .023 (.58mm) for leads
number 1, 8, 9 and 16 only.
Dimension "Q" shall be measured from the seating plane to the base
plane.
The basic pin spacing is .100 (2.54mm) between centerlines. Each
pin centerline shall be located within
±.010 (.25mm) of its exact
longitudinal position relative to pins 1 and 16.
Applies to all four corners (leads number 1, 8, 9, and 16).
"eA" shall be measured at the centerline of the leads.
All leads – Increase maximum limit by .003 (.08mm) measured at the
center of the flat, when lead finish applied.
Fourteen spaces.
NOTE 1
D
E
s1
9
16
8
1
Q
A
e
b1
b2
S2
L
L1
eA
c1



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com