Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RM3182S/883B Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # RM3182S/883B
Description  ARINC 429 Differential Line Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

RM3182S/883B Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

  RM3182S/883B Datasheet HTML 1Page - List of Unclassifed Manufacturers RM3182S/883B Datasheet HTML 2Page - List of Unclassifed Manufacturers RM3182S/883B Datasheet HTML 3Page - List of Unclassifed Manufacturers RM3182S/883B Datasheet HTML 4Page - List of Unclassifed Manufacturers RM3182S/883B Datasheet HTML 5Page - List of Unclassifed Manufacturers RM3182S/883B Datasheet HTML 6Page - List of Unclassifed Manufacturers RM3182S/883B Datasheet HTML 7Page - List of Unclassifed Manufacturers RM3182S/883B Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
PRODUCT SPECIFICATION
RM3182
8/97 0.0m
Stock# DS30003182
© Raytheon Company 1997
The information contained in this data sheet has been carefully compiled; however, it shall not by implication or otherwise become part of
the terms and conditions of any subsequent sale. Raytheon’s liability shall be determined solely by its standard terms and conditions of sale.
No representation as to application or use or that the circuits are either licensed or free from patent infringement is intended or implied.
Raytheon reserves the right to change the circuitry and any other data at any time without notice and assumes no liability for errors.
LIFE SUPPORT POLICY:
Raytheon’s products are not designed for use in life support applications, wherein a failure or malfunction of the component can reasonably
be expected to result in personal injury. The user of Raytheon components in life support applications assumes all risk of such use and
indemnifies Raytheon Company against all damages.
Raytheon Electronics
Semiconductor Division
350 Ellis Street
Mountain View, CA 94043
650.968.9211
FAX 650.966.7742
Ordering Information
Notes:
/883B suffix denotes MIL-STD-883, Level B processing
S = 16 Lead sidebraze ceramic DIP
L = 28 Terminal Leadless Chip Carrier
Part Number
Package
Operating Temperature Range
RM3182S
S
-55
°C to +125°C
RM8182S/883B
S
-55
°C to +125°C
RM3182L
L
-55
°C to +125°C
RM3182L/883B
L
-55
°C to +125°C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com