Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RM3182S/883B Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # RM3182S/883B
Description  ARINC 429 Differential Line Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

RM3182S/883B Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  RM3182S/883B Datasheet HTML 1Page - List of Unclassifed Manufacturers RM3182S/883B Datasheet HTML 2Page - List of Unclassifed Manufacturers RM3182S/883B Datasheet HTML 3Page - List of Unclassifed Manufacturers RM3182S/883B Datasheet HTML 4Page - List of Unclassifed Manufacturers RM3182S/883B Datasheet HTML 5Page - List of Unclassifed Manufacturers RM3182S/883B Datasheet HTML 6Page - List of Unclassifed Manufacturers RM3182S/883B Datasheet HTML 7Page - List of Unclassifed Manufacturers RM3182S/883B Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
PRODUCT SPECIFICATION
RM3182
5
Figure 1. Switching Waveforms
Truth Table
Sync
Clock
Data (A)
Data (B)
AOUT
BOUT
Comments
X
L
X
X
0V
0V
Null
L
X
X
X
0V
0V
Null
H
H
L
L
0V
0V
Null
H
H
L
H
-VREF
+VREF
Low
H
H
H
L
+VREF
-VREF
High
H
H
H
H
0V
0V
Null
65-3182-05
Data A
Data B
+VREF
Out A or
Amp A
Adjust By CB or Rate Select
Adjust By CA or Rate Select
Out B
-VREF
Out A- Out B
or
Amp Out A-
Amp Out B
Differential
Output
Low = -VREF
Null
High = +VREF
-VREF
+V
REF
Note: Outputs unloaded
or Amp B
0V
0V
0V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com