Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RM3182S/883B Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # RM3182S/883B
Description  ARINC 429 Differential Line Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

RM3182S/883B Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  RM3182S/883B Datasheet HTML 1Page - List of Unclassifed Manufacturers RM3182S/883B Datasheet HTML 2Page - List of Unclassifed Manufacturers RM3182S/883B Datasheet HTML 3Page - List of Unclassifed Manufacturers RM3182S/883B Datasheet HTML 4Page - List of Unclassifed Manufacturers RM3182S/883B Datasheet HTML 5Page - List of Unclassifed Manufacturers RM3182S/883B Datasheet HTML 6Page - List of Unclassifed Manufacturers RM3182S/883B Datasheet HTML 7Page - List of Unclassifed Manufacturers RM3182S/883B Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
RM3182
PRODUCT SPECIFICATION
2
Pin Assignments
Absolute Maximum Ratings
Notes:
1. Heatsinking may he required for output short circuit at +125
°C.
2. Heatsinking may be required depending on load and signal frequencies
Thermal Characteristics
(Still air, soldered into PC board)
Parameter
Min.
Max.
Units
Supply Voltage (+VS to –VS)
36
V
V1 Voltage
+7
V
VREF Voltage
+6
V
Logic Input Voltage
-0.3
+VS + 0.3
V
Output Short Circuit Duration
See Note 1
Output Overvoltage
–6.5
+6.5
V
Storage Temperature Range
-65
+150
°C
Operating Temperature Range (see Note 2)
-55
+125
°C
Lead Soldering Temperature (60 sec.)
+300
°C
Sidebrazed DIP
LCC
Maximum Junction Temperature
+175
°C
+175
°C
Max. PD TA < 50
°C
1470 mW
1040 mW
Thermal Resistance
θJC
25
°C/W
25
°C/W
Thermal Resistance
θJA
85
°C/W
120
°C/W
For TA > 50
°C Derate at
11.7 mW/
°C
8.3 mW/
°C
V1
NC
Clock
Data (B)
CB
BOUT
NC
+VS
1
2
3
4
5
6
7
8
VREF
PWR Enable
Sync
Data (A)
CA
AOUT
–VS
GND
65-3182-02
16
15
14
13
12
11
10
9
Sidebraze DIP
NC
65-3182-03
1
28
Data (A)
NC
LCC
NC
CA
NC
NC
Clock
NC
Data (B)
CB
NC
NC
NC



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com