Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC2599 Datasheet(PDF) 3 Page - Semtech Corporation

Part # SC2599
Description  Low Voltage DDR Termination Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2599 Datasheet(HTML) 3 Page - Semtech Corporation

  SC2599 Datasheet HTML 1Page - Semtech Corporation SC2599 Datasheet HTML 2Page - Semtech Corporation SC2599 Datasheet HTML 3Page - Semtech Corporation SC2599 Datasheet HTML 4Page - Semtech Corporation SC2599 Datasheet HTML 5Page - Semtech Corporation SC2599 Datasheet HTML 6Page - Semtech Corporation SC2599 Datasheet HTML 7Page - Semtech Corporation SC2599 Datasheet HTML 8Page - Semtech Corporation SC2599 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
SC2599
3
Exceeding the above specifications may result in permanent damage to the device or device malfunction. Operation outside of the parameters
specified in the Electrical Characteristics section is not recommended.
Notes:
(1)
HBM: tested according to ANSI/ESDA/JEDEC JS-001. CDM: tested according to JESD-C101E.
(2)
Calculated from package in still air, mounted to 3 x 4.5 (in), 4 layer FR4 PCB with thermal vias under the exposed pad per JESD51 standards.
(3)
Based upon lab measurement on EVB board: 3 x 2 (in), 4 layer FR4 PCB with thermal vias under the exposed pad.
Absolute Maximum Ratings
VIN (V). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3 to 4.3
VDD to GND (V) . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3 to 4.3
VTT to GND (V) . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3 to VDD
EN (V) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3 to 6.0
Other pins . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3 to 4.3
ESD Protection Level (HBM)(1) (kV). . . . . . . . . . .
2.5
ESD Protection Level (CDM)(1) (kV). . . . . . . . . . .
1
Thermal Information
Thermal Resistance, Junction to Ambient(2) (°C/W) . . . 57
Thermal Resistance, Junction to Ambient(3) (°C/W) . . . 45
Maximum Junction Temperature (°C) . . . . . . . . . . . . . . +150
Storage Temperature Range (°C) . . . . . . . . . . . . -65 to +150
Peak IR Reflow Temperature (10s to 30s) (°C) . . . . . . . +260
Unless otherwise noted T
J
= -40 to +125°C, V
IN
= 1.2V, V
DD
= 3.3V . Typical values are at T
A
= 25°C.
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Input Supplies
LDO Supply Voltage
V
IN
1
3.6
V
VDD Supply Voltage
V
DD
2.35
3.6
V
VDD UVLO Threshold
Measured at VDD pin, rising edge
2.0
2.25
V
Measured at VDD pin, falling edge
1.95
2.15
VDD UVLO Hysteresis
0.1
V
Quiescent Current for VDD
I
Q
Load =0A, EN = High, V
VDDQ
> 1V
415
700
μA
Shutdown Current for VDD
I
QSD
Load =0A, EN = Low, V
VDDQ
> 1V, I
REF
= 0A
160
400
μA
Load =0A, EN = Low, V
VDDQ
= 0V, I
REF
= 0A
100
160
μA
Quiescent Current for V
IN
I
IN
Load =0A, EN = High
3
30
μA
Shutdown Current for V
IN
I
INSD
Load =0A, EN = Low
3
20
μA
VTT Output
Output Voltage Range
VTT
0.5
1.8
V
Output Voltage Tolerance with
respect to VDDQ/2
Load = 0A, VTT = 0.5V to 1.8V
-1
+1
%
Electrical Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com