Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC2599 Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC2599
Description  Low Voltage DDR Termination Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2599 Datasheet(HTML) 1 Page - Semtech Corporation

  SC2599 Datasheet HTML 1Page - Semtech Corporation SC2599 Datasheet HTML 2Page - Semtech Corporation SC2599 Datasheet HTML 3Page - Semtech Corporation SC2599 Datasheet HTML 4Page - Semtech Corporation SC2599 Datasheet HTML 5Page - Semtech Corporation SC2599 Datasheet HTML 6Page - Semtech Corporation SC2599 Datasheet HTML 7Page - Semtech Corporation SC2599 Datasheet HTML 8Page - Semtech Corporation SC2599 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
POWER MANAGEMENT
1
SC2599
Low Voltage DDR
Termination Regulator
Features
Input to linear regulator (VIN): 1.0V to 3.6V
Output (VTT): 0.5V to 1.8V
Bias Voltage (VDD): 2.35V to 3.6V
Up to 3A sink or source from VTT for DDR through
DDR4
+ 1% over temperature (with respect to VDDQ/2, in-
cluding internal resistor divider variation) VREF and
VTT
Logic-level enable input
Built in soft-start
Thermal shutdown with auto-restart
Over current protection
Minimal output capacitance
Package: MLPD8 - 2mm x 2mm x 0.6mm
Applications
DDR Memory Termination
Description
The SC2599 is designed to meet the latest JEDEC specifi-
cation for low power DDR3 and DDR4, while also support-
ing DDR and DDR2. The SC2599 regulates up to + 3A for
VTT and up to + 40mA for VREF.
The SC2599 also provides an accuracy of +1% over tem-
perature (which takes into account the internal resistor
divider) for VREF and VTT for the memory controller and
DRAM.
SC2599 protection features include thermal shutdown
with auto-restart for VTT and over-current limit for both
VTT and VREF.
Under-Voltage-Lock-Out circuits are included to ensure
that the output is off when the bias voltage falls below its
threshold, and that the part behaves elegantly in power-
up or power-down.
The low external parts count combined with industry
leading specifications make SC2599 an attractive solution
for DDR through DDR4 termination.
VIN
VD D
GND
VR EF
V TTS
VTT
V DDQ
EN
V DDQ
C VDD
C IN
C VTT
C VREF
(1)
1μF
0.1μF
2x10μF
3x10μF
PAD
Typical Application Circuit
Rev. 2.0
Note:
(1)
This component is optional.


Similar Part No. - SC2599

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC2595 SEMTECH-SC2595 Datasheet
676Kb / 11P
Integrated Linear DDR Termination Regulator
SC2595 SEMTECH-SC2595 Datasheet
446Kb / 12P
Integrated Linear DDR Termination Regulator
SC2595EVB SEMTECH-SC2595EVB Datasheet
676Kb / 11P
Integrated Linear DDR Termination Regulator
SC2595EVB SEMTECH-SC2595EVB Datasheet
446Kb / 12P
Integrated Linear DDR Termination Regulator
SC2595STRT SEMTECH-SC2595STRT Datasheet
676Kb / 11P
Integrated Linear DDR Termination Regulator
More results

Similar Description - SC2599

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC2596 SEMTECH-SC2596 Datasheet
315Kb / 13P
Low Voltage Integrated DDR Termination Regulator
SC2596 SEMTECH-SC2596_09 Datasheet
761Kb / 14P
Low Voltage Integrated DDR Termination Regulator
logo
Unisonic Technologies
UR5595 UTC-UR5595_09 Datasheet
295Kb / 12P
DDR TERMINATION REGULATOR
logo
HTC Korea TAEJIN Techno...
TJ2995 HTC-TJ2995 Datasheet
632Kb / 9P
DDR Termination Regulator
TJ2997 HTC-TJ2997 Datasheet
410Kb / 13P
DDR Termination Regulator
logo
E-Tech Electronics LTD
UR5596 ETL-UR5596 Datasheet
218Kb / 12P
DDR TERMINATION REGULATOR
logo
Semtech Corporation
SC2597 SEMTECH-SC2597 Datasheet
1,011Kb / 13P
Low Voltage DDR Termination Regulator
SC2598 SEMTECH-SC2598 Datasheet
994Kb / 13P
Low Voltage DDR Termination Regulator
logo
Texas Instruments
LP2998 TI1-LP2998 Datasheet
2Mb / 33P
DDR Termination Regulator
logo
Richtek Technology Corp...
RTQ2536-QA RICHTEK-RTQ2536-QA Datasheet
211Kb / 11P
DDR Termination Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com