Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC2599 Datasheet(PDF) 10 Page - Semtech Corporation

Part # SC2599
Description  Low Voltage DDR Termination Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2599 Datasheet(HTML) 10 Page - Semtech Corporation

Back Button SC2599 Datasheet HTML 5Page - Semtech Corporation SC2599 Datasheet HTML 6Page - Semtech Corporation SC2599 Datasheet HTML 7Page - Semtech Corporation SC2599 Datasheet HTML 8Page - Semtech Corporation SC2599 Datasheet HTML 9Page - Semtech Corporation SC2599 Datasheet HTML 10Page - Semtech Corporation SC2599 Datasheet HTML 11Page - Semtech Corporation SC2599 Datasheet HTML 12Page - Semtech Corporation SC2599 Datasheet HTML 13Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
SC2599
10
Critical Layout Guidelines
Bias and Reference Capacitors:
A 1μF capacitor must be placed as close as possible to the
IC and connected between pin 6 (VDD) and the ground
plane.
A 0.1μF capacitor must be placed as close as possible to
the IC and connected between pin 4 (VREF) and the
ground plane. The user has an option to add this capaci-
tor to the circuit but it is recommended to layout with a
capacitor place holder.
VDDQ Reference Capacitor:
An R-C filter from the supply used for VDDQ consisting of
a 100 Ω resistor and a 0.1μF capacitor should be placed as
close as possible to the IC and connected between pin 5
(VDDQ) and the ground plane, as shown on page 6.
VTT and VIN Capacitors:
Since SC2599 provides both sink and source capabilities,
the loop impedance through the input and VTT capacitors
plays an important role in circuit stability. Figure 4 shows
both sink and source current loops. Close attention to
board layout is needed to reduce ESL in these loops.
During a bode plot measurement for the sourcing current
loop, an injected small AC signal flows around the loop
from C
IN
to Q
T
through C
VTT
and then returns to C
VIN
through
the ground plane. Therefore, it is recommended to keep
the C
IN
and C
VTT
capacitors as close as possible to reduce
PG ND on top and bottom layers
C6
C4
C5
Route VTT sense
trace on inner layer
VTT copper pour on top
and bottom layers
VIN copper pour on top
and/or bottom layer
C3
C2
C1
C 4,C5 shown located
on bottom side
Thermal pad must connect to the
GND plane using multiple vias.
R1 shown located on
bottom side
Figure 3 — Component Placement and Layout
the ESL impedance between them. Similarly in the sinking
current loop, an injected small AC signal flows from C
VTT
through Q
B
and then returns to C
VTT
through the GND
plane. Therefore, it is recommended to keep ESL small for
this loop. Balancing the ESL of those loops gives the best
case for stability.
VIN
VTT
GN D
Q T
C VTT
C VIN
S ourcing C urrent
Loop
VIN
VTT
GN D
Q B
C VTT
C VIN
S inking C urrent Loop
Figure 4 — Small AC Signal Current Loops
Figure 2 — Gain and Phase Bode Plot
Fc = 810KHz, PM = 36 degree at 1A Source



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com