Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC2599 Datasheet(PDF) 5 Page - Semtech Corporation

Part # SC2599
Description  Low Voltage DDR Termination Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2599 Datasheet(HTML) 5 Page - Semtech Corporation

  SC2599 Datasheet HTML 1Page - Semtech Corporation SC2599 Datasheet HTML 2Page - Semtech Corporation SC2599 Datasheet HTML 3Page - Semtech Corporation SC2599 Datasheet HTML 4Page - Semtech Corporation SC2599 Datasheet HTML 5Page - Semtech Corporation SC2599 Datasheet HTML 6Page - Semtech Corporation SC2599 Datasheet HTML 7Page - Semtech Corporation SC2599 Datasheet HTML 8Page - Semtech Corporation SC2599 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
SC2599
5
Block Diagram
DRIV E R
L OGIC
VIN
2
VTT
3
GND
4
VD D
1
UV L O
S o ft-S ta rt
EN
5
VTTS
6
V DDQ
8
+
-
VR EF
7
EN \
R
R
T herm a l
S hutdow n
Pin #
Pin Name
Pin Function
1
VDD
Input bias voltage — 2.35V to 3.6V . Connect a ceramic capacitor from this pin to GND.
2
VIN
LDO input range — 1V to 3.6V. Connect ceramic capacitors from this pin to GND.
3
VTT
Output of the linear regulator. Connect ceramic capacitors from this pin to GND.
4
GND
Ground reference for the IC.
5EN
Logic input to enable or disable the VTT output. If EN pin is grounded to shut down the linear regulator,
VREF remains active.
6
VTTS
VTT output sense input. Connect VTTS to the output at the output capacitor to implement remote sense.
7
VREF
The reference output, equal to one half of VDDQ. Connect a 100nF capacitor from this pin to GND.
8
VDDQ
External reference input; range 1V to 3.6V.
PAD
GND
Thermal pad. This pad must be connected to GND. For optimal heat sinking, connect to the GND plane us-
ing multiple vias.
Pin Descriptions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com