Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC2599 Datasheet(PDF) 8 Page - Semtech Corporation

Part # SC2599
Description  Low Voltage DDR Termination Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2599 Datasheet(HTML) 8 Page - Semtech Corporation

Back Button SC2599 Datasheet HTML 4Page - Semtech Corporation SC2599 Datasheet HTML 5Page - Semtech Corporation SC2599 Datasheet HTML 6Page - Semtech Corporation SC2599 Datasheet HTML 7Page - Semtech Corporation SC2599 Datasheet HTML 8Page - Semtech Corporation SC2599 Datasheet HTML 9Page - Semtech Corporation SC2599 Datasheet HTML 10Page - Semtech Corporation SC2599 Datasheet HTML 11Page - Semtech Corporation SC2599 Datasheet HTML 12Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
SC2599
8
Typical Characteristics
Start-Up and Shutdown Using EN
Characteristics in this section are based upon the detailed application circuit on page 6.
Start-Up Using VDDQ
VIN = 1.2V, VDD = 3.3V, VREF = 0A, VTT = 0A
Load Transient Source and Sink: -1A to +1A
VTT (200mV/div)
VREF (200mV/div)
VDDQ (200mV/div)
EN (2V/div)
500us/div
2ms/div
VREF (200mV/div)
VTT (200mV/div)
VDDQ (200mV/div)
VDD (1V/div)
Source Current Load (1A/div)
VTT (20mV/div)
200us/div
Shutdown Using VDD
VDDQ = 1.2V, VIN = 1.2V, VDD = 3.3V
VREF = 0A, VTT = 0A, VIN = 1.2V
VREF = 40mA, VTT = 1A
VDD (1V/div)
VREF (200mV/div)
VTT (200mV/div)
5ms/div
VIN = VDDQ (200mV/div)
Sink Current Load (1A/div)
Current Limit with VTT Shorted
VDDQ = 1.2V, VIN = 1.2V, VDD = 3.3V
10ms/div
VTT (100mV/div)
Input Current (1A/div)
Start-Up Using VDD
VTT (200mV/div)
1ms/div
VIN = VDDQ (200mV/div)
VREF (200mV/div)
VDD (1V/div)
VREF = 40mA, VTT = 1A
7mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com