Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC2599 Datasheet(PDF) 4 Page - Semtech Corporation

Part # SC2599
Description  Low Voltage DDR Termination Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2599 Datasheet(HTML) 4 Page - Semtech Corporation

  SC2599 Datasheet HTML 1Page - Semtech Corporation SC2599 Datasheet HTML 2Page - Semtech Corporation SC2599 Datasheet HTML 3Page - Semtech Corporation SC2599 Datasheet HTML 4Page - Semtech Corporation SC2599 Datasheet HTML 5Page - Semtech Corporation SC2599 Datasheet HTML 6Page - Semtech Corporation SC2599 Datasheet HTML 7Page - Semtech Corporation SC2599 Datasheet HTML 8Page - Semtech Corporation SC2599 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
SC2599
4
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Load Regulation
-2A < Load < 2A
-25
+25
mV
On-Resistance
High-Side MOSFET (source), Load = 0.1A
40
100
150
mΩ
Low-Side MOSFET (sink), Load = 0.1A
50
140
300
Discharge MOSFET On-Resistance
EN = Low
8
Ω
Reference Input/Output
VDDQ Voltage Range
1
3.6
V
VDDQ Input Bias Current
010
μA
Tolerance with respect to VDDQ/2
Load = 0A, VREF = 0.5V to 1.8V
-1
1
%
VREF Source Current Limit
40
mA
VREF Sink Current Limit
- 40
Protection
Thermal Shutdown Threshold
160
0C
Thermal Restart Hysteresis
20
0C
Output Current Limit Threshold
Ambient Temperature: 25 0C
3.7
4.3
A
Soft-Start
VTT Soft-Start Time
From EN = High to V
TT
= 90% VREF
40
μs
Logic
EN Logic Threshold
EN = High
1.7
V
EN = Low
0.3
EN Input Current
-1
1
μA
Electrical Characteristics (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com