Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS9236 Datasheet(PDF) 7 Page - Cirrus Logic

Part # CS9236
Description  SINGLE-CHIP WAVETABLE MUSIC SYNTHESIZER
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS9236 Datasheet(HTML) 7 Page - Cirrus Logic

Back Button CS9236 Datasheet HTML 3Page - Cirrus Logic CS9236 Datasheet HTML 4Page - Cirrus Logic CS9236 Datasheet HTML 5Page - Cirrus Logic CS9236 Datasheet HTML 6Page - Cirrus Logic CS9236 Datasheet HTML 7Page - Cirrus Logic CS9236 Datasheet HTML 8Page - Cirrus Logic CS9236 Datasheet HTML 9Page - Cirrus Logic CS9236 Datasheet HTML 10Page - Cirrus Logic CS9236 Datasheet HTML 11Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
CS9236
DS214PP11
7
GENERAL DESCRIPTION
The CS9236 is a complete 32-note General MIDI music syn-
thesizer with integral digital effects processing in a single de-
vice. This device accepts a standard serial MIDI data stream
at 31.25 kbit/s and generates a stereo digital audio output data
stream at 44.1 ksample/s sampling rate. The device operates
from a single 3.3VDC supply. The digital inputs to the device
are 5V tolerant, allowing direct connection to parts which are
powered from 5V or 3V supplies. The CS9236 has been de-
signed to interface directly with the Crystal Semiconductor
CS4236B/37B/38B Single Chip Audio Systems and with the
CS4333 Stereo D/A Converter (DAC). When the CS9236 is
used in conjunction with the CS4236B/37B/38B, the digital
audio output from the CS9236 is input to the CS4236B/37B/
38B in digital format, so no separate DAC is required. In ap-
plications which require an analog output from the CS9236,
the CS4333 DAC is employed to convert the digital audio
output of the CS9236 into analog format.
CS9236/CS4236B/37B/38B Typical Connections
The CS9236 combined with the CS4236B/37B/38B provides
a complete ISA Plug-and-Play compatible sound system for
multimedia PC applications. Figure 1 depicts the typical con-
nections between the CS9236 and the CS4236B/37B/38B. In
this application, the CS4236B/37B/38B 16.9344 MHz
MCLK gated clock output drives the CS9236 MCLK5I input,
eliminating the need for a separate quartz crystal circuit.
MIDI messages are sent from the host PC to the CS4237B
over the ISA bus. The CS4236B/37B/38B provides a Plug-
and-Play configurable MPU-401 UART mode-compatible
ISA MIDI interface. The CS4236B/37B/38B MPU-401
UART function transmits the MIDI data received over the
ISA bus to the CS9236 (and to the Joystick MIDI Out pin) in
serial format. The CS9236 interprets the MIDI messages and
generates the appropriate musical sounds. These sounds are
output in serial digital audio format at the CS9236 SOUT pin.
The digital audio output from the CS9236 is input directly
into the CS4236B/37B/38B, eliminating the need for a sepa-
rate DAC.
For more details on using the CS9236 with the CS4236B/
37B/38B, see Application Note 92, "Configuring the
CS423xB/CS9236 Wavetable Interface."
Figure 1. CS9236/CS4236B, CS4237B or CS4238B Typical Connections



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com