Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS9236 Datasheet(PDF) 10 Page - Cirrus Logic

Part # CS9236
Description  SINGLE-CHIP WAVETABLE MUSIC SYNTHESIZER
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS9236 Datasheet(HTML) 10 Page - Cirrus Logic

Back Button CS9236 Datasheet HTML 6Page - Cirrus Logic CS9236 Datasheet HTML 7Page - Cirrus Logic CS9236 Datasheet HTML 8Page - Cirrus Logic CS9236 Datasheet HTML 9Page - Cirrus Logic CS9236 Datasheet HTML 10Page - Cirrus Logic CS9236 Datasheet HTML 11Page - Cirrus Logic CS9236 Datasheet HTML 12Page - Cirrus Logic CS9236 Datasheet HTML 13Page - Cirrus Logic CS9236 Datasheet HTML 14Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
CS9236
10
DS214PP11
GENERAL MIDI (GM) MELODIC
INSTRUMENTS AND PERCUSSION
SOUNDS
The CS9236 supports 128 melodic instruments and 47 per-
cussive sounds as specified by the General MIDI Level 1
specification.
MIDI messages generally consist of a single status byte fol-
lowed by one or two data bytes (Real-Time messages and
System Exclusive messages are exceptions). The status byte
is an eight-bit value which indicates the type of message, and
for Channel Voice or Channel Mode messages, the MIDI
channel number to which the message applies. The most sig-
nificant bit of the Status byte is always a “1”. The most sig-
nificant bit a MIDI Data byte is always a “0”, so a data byte
contains only 7 bits of useful data. Status bytes and Data
bytes for functions not implemented are ignored.
In General MIDI (GM) instruments like the CS9236, MIDI
channels 1 - 9 and 11 - 16 are used for melodic instruments.
On MIDI channels 1 - 9 and 11 - 16, the MIDI Program
Change message is used to select the instrument to be used on
a specific MIDI channel. The General MIDI melodic instru-
ment set is listed in Table 1.
The General MIDI system reserves channel 10 for key-
mapped percussion sounds. The General MIDI percussion
map defines the association of percussion sounds to key num-
bers (note numbers) for use on channel 10. Program Change
messages on channel 10 are ignored. The CS9236 includes
default settings for the PAN, the REVERB SEND level, and
the CHORUS SEND level for each of the General MIDI per-
cussion sounds. The PAN setting used for a percussion sound
on channel 10 is a function of both the CS9236 default value
and the MIDI PAN value for channel 10 (PAN messages on
channel 10 are interpreted by the CS9236 as relative, rather
than absolute, values). For example, the default pan value for
the Hand Clap is 54 (10 units left of center) and the default
pan value for the Tambourine is 74 (10 units right of center).
A MIDI PAN message on channel 10 indicating a new pan
value of 50 (14 units left of center) for the channel would
place the Hand Clap at 40 (24 units left of center), and the
Tambourine at 60 (4 units left of center). A MIDI PAN mes-
sage on channel 10 indicating a new pan value of 0 (64 units
left of center, or “hard left”) for the channel would place the
Hand Clap at 0 (hard left), and the Tambourine at 10 (54 units
left of center). The REVERB SEND level used for a percus-
sion sound on channel 10 will be either the default value for
that percussion sound, or the MIDI REVERB SEND value
(MIDI Controller 91), whichever is greater. The CHORUS
SEND level used for a percussion sound on channel 10 will
be either the default value for that percussion sound, or the
MIDI CHORUS SEND value (MIDI Controller 93), which-
ever is greater.
Some of the percussion instrument sounds available on chan-
nel 10 belong to “mutually exclusive groups”. Although mul-
tiple sounds may be generated simultaneously on channel 10
when operating in the normal POLY ON mode, no more than
one sound from each of the mutually exclusive groups may
sound at a given time. For example, the Open Hi-Hat (Note
# 46), the Closed Hi-Hat (Note # 42), and the Pedal Hi-Hat
(Note # 44) all belong to the same mutually exclusive group.
If the Open Hi-Hat was already sounding when a MIDI
NOTE ON message was received for the Closed Hi-Hat, the
Closed Hi-Hat would be played while the Open Hi-Hat would
be immediately forced into it’s release phase (the two notes
would overlap only for the duration of the release phase of the
Open Hi-Hat sound). A Crash Cymbal sound (not a member
of this mutually exclusive group) which was also playing
when the NOTE ON message was received would not be af-
fected.
The General MIDI percussion sound map is given in Table 2.
This table also indicates the mutually exclusive group mem-
bership for each of the percussion sounds as implemented in
the CS9236.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com