Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS9236 Datasheet(PDF) 8 Page - Cirrus Logic

Part # CS9236
Description  SINGLE-CHIP WAVETABLE MUSIC SYNTHESIZER
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS9236 Datasheet(HTML) 8 Page - Cirrus Logic

Back Button CS9236 Datasheet HTML 4Page - Cirrus Logic CS9236 Datasheet HTML 5Page - Cirrus Logic CS9236 Datasheet HTML 6Page - Cirrus Logic CS9236 Datasheet HTML 7Page - Cirrus Logic CS9236 Datasheet HTML 8Page - Cirrus Logic CS9236 Datasheet HTML 9Page - Cirrus Logic CS9236 Datasheet HTML 10Page - Cirrus Logic CS9236 Datasheet HTML 11Page - Cirrus Logic CS9236 Datasheet HTML 12Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
CS9236
8
DS214PP11
CS9236/CS4333 Typical Connections
In applications which require analog audio output from the
CS9236 synthesizer, the CS4333 Stereo DAC is utilized.
Figure 2 shows typical connections for a stand-alone music
synthesizer application (e.g. low-cost musical keyboards,
MIDI modules, game boxes). In this application the CS9236
digital audio output, SOUT, and the associated clocks, LR-
CLK and XTALO, are input to the CS4333. The CS4333
converts the stereo digital audio data stream into left and right
analog audio outputs, LOUT and ROUT.
Note that the example shown in Figure 2 employs an R-C fil-
ter circuit to generate a reset signal which is applied to both
the CS9236 RST and PDN inputs. In some applications it
may be desirable to control one or both of these control sig-
nals dynamically.
The CS4333 clock input is driven by the CS9236 crystal os-
cillator output pin. The CS9236 must be placed as close as
possible to the CS4333 in order to minimize the length of the
XTALO/MCLK trace. The XTALO capacitor must be 10 pF,
while the XTAL3I capacitor remains the typical 22 pF. If the
CS9236 cannot be placed close to the CS4333, the buffered
crystal circuit shown in Figure 3 or a MicroClock MK1444-
02 clock generator may be used. Do not use separate 16.9344
MHz crystals/clock sources for the synthesizer and DAC.
Figure 2. CS9236/CS4333 Typical Connections.
Figure 3. Buffered Crystal Oscillator Circuit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com