| Electronic Components Datasheet Search |
|
CS9236 Datasheet(PDF) 19 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS9236 Datasheet(HTML) 19 Page - Cirrus Logic |
|
19 / 34 page ![]() CS9236 DS214PP11 19 Control Change Messages MODULATION WHEEL (CONTROLLER 1) BnH 01H vvH n = MIDI channel number 0 - FH (1 - 16) vv = modulation depth 00 - 7FH (0 - 127) In the CS9236, the MODULATION WHEEL message (MIDI Controller 1) is used to control the pitch modulation (vibrato) level on a specified channel. The MODULATION WHEEL depth value is summed with the current CHANNEL PRESSURE value and with the default modulation level defined for the selected instrument on the specified channel to determine the actual vibrato level applied to the sound. The MODULATION WHEEL at maximum depth value will contribute a modu- lation (vibrato) depth of 50 cents. The response curve is linear. The total depth, resulting from CHANNEL PRESSURE, MODULATION WHEEL, and default modulation level, may be as high as one semitone. The MODULATION WHEEL affects all notes playing on the specified channel. Pitch modulation in the CS9236 is implemented using independent low frequency oscillator (LFO) implementations for each note. Some of the instruments implemented in the CS9236 include a default pitch envelope (the pitch of a note begins slightly sharp or flat, and then ramps to the final pitch for the note). For notes with default pitch envelopes, pitch modulation (vibrato) will begin only after the pitch envelope has reached final pitch. DATA ENTRY (CONTROLLERS 6 and 38) BnH 06H mmH BnH 26H llH n = MIDI channel number 0 - FH (1 - 16) mm = data value MSB for specified RPN (see REGISTERED PARAMETER NUMBER description) ll = data value LSB for specified RPN (see REGISTERED PARAMETER NUMBER description) MIDI “Registered Parameter” data is transmitted to the CS9236 using controller numbers 100 (Registered Parameter LSB), 101 (Registered Parameter MSB), 6 (Data Entry MSB), and 38 (Data Entry LSB). To transfer parameter data to the CS9236, the parameter number for the parameter to be updated is first selected using MIDI Controllers 100 and 101, and then the data value for the selected parameter is transmitted using controller numbers 6 and 38. See description of REGISTERED PA- RAMETER NUMBER (Controllers 100 and 101). VOLUME (CONTROLLER 7) BnH 07H vvH n = MIDI channel number 0 - FH (1 - 16) vv = volume 00 - 7FH (0 - 127) The VOLUME message (MIDI Controller 7) is used in conjunction with the MIDI EXPRESSION message (Controller 11) to control the overall volume of notes on a specified MIDI channel. The VOLUME and EXPRESSION curves are described by the following equation: Attenuation from full scale (dB) = 40 ln ((VOLUME_value * EXPRESSION_value) / (127^2)) The CS9236 default value for VOLUME is 100. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |