| Electronic Components Datasheet Search |
|
CS9236 Datasheet(PDF) 20 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS9236 Datasheet(HTML) 20 Page - Cirrus Logic |
|
20 / 34 page ![]() CS9236 20 DS214PP11 Control Change Messages (Continued) PAN (CONTROLLER 10) BnH 0AH vvH n = MIDI channel number 0 - FH (1 - 16) vv = pan 00 - 40 - 7FH (0 - 64 - 127) <Left - Center - Right> The PAN message (MIDI Controller 10) is used to control the left/right output placement for notes played on the specified MIDI channel. A PAN value of 0 indicates hard left, 64 indicates center (equally balanced between left and right), and 127 indicates hard right. The CS9236 implements an “equal-power” pan scaling as indicated by the following formulae: Left_scaling = ((127 - PAN_value) / 127) ^ 0.5 Right_scaling = (PAN_value / 127) ^ 0.5 On the melodic instrument channels (MIDI channels 1 - 9, 11 - 16), the MIDI PAN value is absolute (the received value replaces the default value for the instrument selected on the specified channel). On the percussion channel (MIDI channel 10) the MIDI PAN value is relative to the default value for each of the individual percussion sounds. EXPRESSION (CONTROLLER 11) BnH 0BH vvH n = MIDI channel number 0 - FH (1 - 16) vv = expression 00 - 7FH (0 - 127) The VOLUME message (MIDI Controller 7) is used in conjunction with the MIDI EXPRESSION message (Controller 11) to control the overall volume of notes on a specified MIDI channel. The VOLUME and EXPRESSION curves are described by the following equation: Attenuation from full scale (dB) = 40 ln ((VOLUME_value * EXPRESSION_value) / (127^2)) The CS9236 default value for EXPRESSION is 127. DAMPER PEDAL/SUSTAIN (CONTROLLER 64) BnH 40H vvH n = MIDI channel number 0 - FH (1 - 16) vv = control value 00 - 3FH (0 - 63) <OFF> 40 - 7FH (64 - 127) <ON> The DAMPER PEDAL (Controller 64) allows notes on a specified MIDI channel to continue sounding after their corre- sponding NOTE OFF messages have been received. The DAMPER PEDAL ON state takes priority over the NOTE OFF and ALL NOTES OFF messages: the NOTE OFF or ALL NOTES OFF messages are recognized, but not acted on until the DAMPER PEDAL is set OFF (released). The DAMPER PEDAL ON state results in progression of the normal sustain en- velope of ongoing notes. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |