Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS9236 Datasheet(PDF) 14 Page - Cirrus Logic

Part # CS9236
Description  SINGLE-CHIP WAVETABLE MUSIC SYNTHESIZER
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS9236 Datasheet(HTML) 14 Page - Cirrus Logic

Back Button CS9236 Datasheet HTML 10Page - Cirrus Logic CS9236 Datasheet HTML 11Page - Cirrus Logic CS9236 Datasheet HTML 12Page - Cirrus Logic CS9236 Datasheet HTML 13Page - Cirrus Logic CS9236 Datasheet HTML 14Page - Cirrus Logic CS9236 Datasheet HTML 15Page - Cirrus Logic CS9236 Datasheet HTML 16Page - Cirrus Logic CS9236 Datasheet HTML 17Page - Cirrus Logic CS9236 Datasheet HTML 18Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 34 page
background image
CS9236
14
DS214PP11
er channel to “Mode 3” operation (OMNI OFF/POLY). This
is the default mode of operation for all receiver channels. In
mode 3, the receiver channel responds to MIDI messages on
it's dedicated MIDI channel polyphonically (it can play mul-
tiple MIDI notes simultaneously).
The MONO ON message sets the receiver channel to “Mode
4” operation (OMNI OFF/MONO). In mode 4, the receiver
channel responds to MIDI messages on it's dedicated MIDI
channel monophonically (it can only play one MIDI note at a
time). In this mode, if a NOTE ON message is received on
the receiver's MIDI channel while a note is already sounding,
the receiver will quickly turn off the note which is already
sounding and play the new note.
System Realtime Messages
MIDI SYSTEM REAL TIME messages may occur at any
point in the MIDI data stream, including between the Status
and Data bytes of another MIDI message. SYSTEM REAL
TIME messages are not interpreted as a new receiver status
and do not affect the operation of Running Status. The MIDI
SYSTEM REAL TIME messages are: TIMING CLOCK
(F8H), START (FAH), CONTINUE (FBH), STOP (FCH),
ACTIVE SENSING (FEH), and SYSTEM RESET (FFH).
The CS9236 processes the ACTIVE SENSING and SYS-
TEM RESET messages only.
The TIMING CLOCK,
START, CONTINUE and STOP messages are ignored.
System Exclusive Messages
The CS9236 supports MIDI System Exclusive Messages for
enabling/disabling receipt of MIDI Channel Pressure and for
enabling/disabling of the CS9236 test tone. The System Ex-
clusive Manufacturer ID assigned for Crystal Semiconductor
Corporation is 0x00, 0x01, 0x02. The Product ID for the
CS9236 is 0x01, and the Version Number is 0x01.
The CS9236 will power-up with Channel Pressure disabled.
To enable Channel Pressure, the ENABLE RECOGNITION
OF MIDI CHANNEL PRESSURE System Exclusive mes-
sage must be sent. Channel Pressure is disabled by sending
the DISABLE RECOGNITION OF MIDI CHANNEL
PRESSURE message. Likewise, for testing purposes, a fea-
ture to enable a test tone is available. To begin playing the
test tone, the ENABLE TEST TONE System Exclusive mes-
sage must be sent. To turn the tone off, the DISABLE TEST
TONE message must be sent.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com