Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DPO4USB Datasheet(PDF) 28 Page - TEKTRONIX, INC.

Part # DPO4USB
Description  Mixed Domain Oscilloscopes
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEKTRONIX [TEKTRONIX, INC.]
Direct Link  https://www.tek.com/
Logo TEKTRONIX - TEKTRONIX, INC.

DPO4USB Datasheet(HTML) 28 Page - TEKTRONIX, INC.

Back Button DPO4USB Datasheet HTML 24Page - TEKTRONIX, INC. DPO4USB Datasheet HTML 25Page - TEKTRONIX, INC. DPO4USB Datasheet HTML 26Page - TEKTRONIX, INC. DPO4USB Datasheet HTML 27Page - TEKTRONIX, INC. DPO4USB Datasheet HTML 28Page - TEKTRONIX, INC. DPO4USB Datasheet HTML 29Page - TEKTRONIX, INC. DPO4USB Datasheet HTML 30Page - TEKTRONIX, INC. DPO4USB Datasheet HTML 31Page - TEKTRONIX, INC. DPO4USB Datasheet HTML 32Page - TEKTRONIX, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 46 page
background image
Absolute amplitude accuracy
(AAA) and channel response (CR),
with TPA-N-PRE preamp attached
AAA: ≤ ±0.5 dB (typical), 18
⁰C - 28 ⁰C temperature range, 50 kHz to 6 GHz, either preamp state.
AAA: ≤ ±2.0 dB (typical), 18
⁰C - 28 ⁰C temperature range, 9 kHz to 50 kHz, either preamp state.
AAA: ≤ ±2.3 dB (typical), over full operating range, either preamp state.
CR: 0.0 dB
Crosstalk to spectrum analyzer
from oscilloscope channels
≤1 GHz input frequencies
< -68 dB from ref level
>1 GHz - 2 GHz input
frequencies
< -48 dB from ref level
Phase noise at 1 GHz CW
1 kHz
< -104 dBc/Hz,(typical)
10 kHz
< -108 dBc/Hz, < -111 dBc/Hz (typical)
100 kHz
< -110 dBc/Hz, < -113 dBc/Hz (typical)
1 MHz
< -120 dBc/Hz, < -123 dBc/Hz (typical)
Reference frequency error
(cumulative)
Cumulative error: 1.6 x 10-6
Includes allowances for aging per year, reference frequency calibration accuracy, and temperature stability
Valid over the recommended one-year calibration interval, from 0 °C to +50 °C
Marker frequency measurement
accuracy
±((1.6x 10-6 x Marker-Frequency) + (0.001 x span + 2)) Hz
Example: assuming the span is set to 10 kHz and the marker is at 1500 MHz, this would result in a Frequency Measurement
Accuracy of +/-((1.6 x 10 -6 x 1500 MHz) + (0.001 x 10 kHz + 2)) = +/- 2.412 kHz.
Marker Frequency with Span/RBW ≤ 1000:1
Reference Frequency Error with Marker level to displayed noise level > 30 dB
Frequency measurement
resoultion
1 Hz
Maximum operating input level
Average continuous power
+30 dBm (1 W) for reference levels ≥ -20 dBm
+24 dBm (0.25 W) for reference levels < -20 dBm
DC maximum before damage
±40 VDC
Maximum power before
damage (CW)
+32 dBm (1.6 W) for reference levels ≥ -20 dBm
+25 dBm (0.32 W) for reference levels of < -20 dBm
Maximum power before
damage (pulse)
Peak Pulse Power: +45 dBm (32 W)
Peak Pulse Power defined as <10 μs pulse width, <1% duty cycle, and reference level of ≥ +10 dBm
Maximum operating input level
with TPA-N-PRE preamp attached
Average continuous power
+30 dBm (1 W)
DC maximum before damage
±20 VDC
Maximum power before
damage (CW)
+30 dBm (1 W)
Maximum power before
damage (pulse)
+45 dBm (32 W) (<10 μs pulse width, <1% duty cycle, and reference level of ≥ +10 dBm)
Datasheet
2- Spectrum Analyzer (requires Option SA3 or SA6)
28 www.tek.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com