Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DPO4USB Datasheet(PDF) 42 Page - TEKTRONIX, INC.

Part # DPO4USB
Description  Mixed Domain Oscilloscopes
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEKTRONIX [TEKTRONIX, INC.]
Direct Link  https://www.tek.com/
Logo TEKTRONIX - TEKTRONIX, INC.

DPO4USB Datasheet(HTML) 42 Page - TEKTRONIX, INC.

Back Button DPO4USB Datasheet HTML 38Page - TEKTRONIX, INC. DPO4USB Datasheet HTML 39Page - TEKTRONIX, INC. DPO4USB Datasheet HTML 40Page - TEKTRONIX, INC. DPO4USB Datasheet HTML 41Page - TEKTRONIX, INC. DPO4USB Datasheet HTML 42Page - TEKTRONIX, INC. DPO4USB Datasheet HTML 43Page - TEKTRONIX, INC. DPO4USB Datasheet HTML 44Page - TEKTRONIX, INC. DPO4USB Datasheet HTML 45Page - TEKTRONIX, INC. DPO4USB Datasheet HTML 46Page - TEKTRONIX, INC.  
Zoom Inzoom in Zoom Outzoom out
 42 / 46 page
background image
TCP0150
20 MHz TekVPI® 150 Ampere AC/DC current probe
TDP0500
500 MHz TekVPI® differential voltage probe with ±42 V differential input voltage
TDP1000
1 GHz TekVPI® differential voltage probe with ±42 V differential input voltage
TDP1500
1.5 GHz TekVPI® differential voltage probe with ±8.5 V differential input voltage
TDP3500
3.5 GHz TekVPI® differential voltage probe with ±2 V differential input voltage
THDP0200
±1.5 kV, 200 MHz TekVPI® high-voltage differential probe
THDP0100
±6 kV, 100 MHz TekVPI® high-voltage differential probe
TMDP0200
±750 V, 200 MHz TekVPI® high-voltage differential probe
P5100A
2.5 kV, 500 MHz, 100X high-voltage passive probe
P5200A
1.3 kV, 50 MHz high-voltage differential probe
Accessories
TPA-N-PRE
Preamplifier, 12 dB nominal Gain, 9 kHz - 6 GHz
119-4146-00
Near field probe set, 100 kHz - 1 GHz
119-6609-00
Flexible monopole antenna
TPA-N-VPI
N-to-TekVPI adapter
077-0585-xx
Service manual (English only)
TPA-BNC
TekVPI® to TekProbe™ BNC adapter
TEK-DPG
TekVPI Deskew pulse generator signal source
067-1686-xx
Power measurement deskew and calibration fixture
SignalVu-PC-SVE
Vector Signal Analysis Software
TEK-USB-488
GPIB-to-USB adapter
ACD4000B
Soft transit case
HCTEK54
Hard transit case (requires ACD4000B)
RMD5000
Rackmount kit
Other RF probes
Contact Beehive Electronics to order: http://beehive-electronics.com/probes.html
101A
EMC probe set
150A
EMC probe amplifier
110A
Probe cable
0309-0001
SMA probe adapter
0309-0006
BNC probe adapter
Datasheet
42 www.tek.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com